Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA58M06F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TA58M06F
Description  500 mA Low Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA58M06F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TA58M06F Datasheet HTML 1Page - Toshiba Semiconductor TA58M06F Datasheet HTML 2Page - Toshiba Semiconductor TA58M06F Datasheet HTML 3Page - Toshiba Semiconductor TA58M06F Datasheet HTML 4Page - Toshiba Semiconductor TA58M06F Datasheet HTML 5Page - Toshiba Semiconductor TA58M06F Datasheet HTML 6Page - Toshiba Semiconductor TA58M06F Datasheet HTML 7Page - Toshiba Semiconductor TA58M06F Datasheet HTML 8Page - Toshiba Semiconductor TA58M06F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TA58M05, 06, 08, 09, 10, 12, 15F
2006-11-06
4
TA58M05F
Electrical Characteristics (unless otherwise specified, Tj = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
VIN = 14 V, IOUT = 250 mA
4.85
5.00
5.15
Output voltage
VOUT
6 V <= VIN <= 26 V, IOUT = 250 mA,
-40°C <= Tj <= 105°C
4.8
5.0
5.2
V
9 V <= VIN <= 16 V, IOUT = 250 mA
2
20
Line regulation
Reg・line
6 V <= VIN <= 26 V, IOUT = 250 mA
5
30
mV
Load regulation
Reg・load
VIN = 14 V, 5 mA <= IOUT <= 500 mA
20
60
mV
6 V <= VIN <= 26 V, IOUT = 0 A
0.5
1.0
Quiescent current
IB
6 V <= VIN <= 26 V, IOUT = 500 mA
35
80
mA
IOUT = 250 mA
0.22
0.35
Dropout voltage
VD
IOUT = 500 mA
0.42
0.65
V
TA58M06F
Electrical Characteristics (unless otherwise specified, Tj = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
VIN = 14 V, IOUT = 250 mA
5.82
6.00
6.18
Output voltage
VOUT
7 V <= VIN <= 26 V, IOUT = 250 mA,
-40°C <= Tj <= 105°C
5.76
6.00
6.24
V
10 V <= VIN <= 17 V, IOUT = 250 mA
2
20
Line regulation
Reg・line
7 V <= VIN <= 26 V, IOUT = 250 mA
5
30
mV
Load regulation
Reg・load
VIN = 14 V, 5 mA <= IOUT <= 500 mA
20
60
mV
7 V <= VIN <= 26 V, IOUT = 0 A
0.5
1.0
Quiescent current
IB
7 V <= VIN <= 26 V, IOUT = 500 mA
35
80
mA
IOUT = 250 mA
0.22
0.35
Dropout voltage
VD
IOUT = 500 mA
0.42
0.65
V


Similar Part No. - TA58M06F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA58M06S TOSHIBA-TA58M06S Datasheet
216Kb / 12P
   500 mA Low Dropout Voltage Regulator
More results

Similar Description - TA58M06F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA58M05S TOSHIBA-TA58M05S Datasheet
216Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Microchip Technology
MIC5237 MICROCHIP-MIC5237 Datasheet
1Mb / 18P
   500 mA Low Dropout Regulator
09/14/21
logo
National Semiconductor ...
LM2937 NSC-LM2937 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937 TI-LM2937_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low Dropout Regulator
LM2937ET-5.0 TI1-LM2937ET-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
TL5209 TI-TL5209 Datasheet
371Kb / 22P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
TL5209 TI-TL5209_10 Datasheet
501Kb / 21P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com