Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA58M15S Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TA58M15S
Description  500 mA Low Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA58M15S Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TA58M15S Datasheet HTML 4Page - Toshiba Semiconductor TA58M15S Datasheet HTML 5Page - Toshiba Semiconductor TA58M15S Datasheet HTML 6Page - Toshiba Semiconductor TA58M15S Datasheet HTML 7Page - Toshiba Semiconductor TA58M15S Datasheet HTML 8Page - Toshiba Semiconductor TA58M15S Datasheet HTML 9Page - Toshiba Semiconductor TA58M15S Datasheet HTML 10Page - Toshiba Semiconductor TA58M15S Datasheet HTML 11Page - Toshiba Semiconductor TA58M15S Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TA58M05, 06, 08, 09, 10, 12, 15S
2006-11-06
9
0
4
8
12
20
24
0
20
40
80
100
120
Thermal resistance
(°C/W)
Rth(j-c) : 6.25
Rth(j-a) : 62.5
16
60
140
160
Single
Ta = Tc
TA58M05S
VIN = 14 V
IOUT = 5 mA
Ambient temperature Ta
(°C )
PDmax. – Ta
Output current I OUT (A)
VOUT – IOUT
Input voltage VIN (V)
I B – VIN
VOUT – Tj
Junction temperature Tj (°C)
4.50
5.50
4.75
0
-50
150
50
100
5.25
5.00
Input voltage VIN (V)
VOUT – VIN
0
5
6
0
6
10
3
2
2
4
1
4
8
TA58M05S
Tj = 25 °C
Input voltage VIN (V)
VOUT – VIN
0
5
6
0
20
35
3
2
5
4
1
15
30
TA58M05S
Tj = 25 °C
10
25
I OUT = 250 mA
5 mA
0
5
6
3
2
4
1
0
0.6
1.2
0.2
0.4
1.0
0.8
TA58M05S
VIN = 14 V
Tj = 25 °C
TA58M05S
Tj = 25 °C
0
20
30
10
15
25
0
50
60
10
40
20
30
100 mA
I OUT = 250 mA
5 mA
100 mA
5
I OUT = 250 mA
5 mA
100 mA


Similar Part No. - TA58M15S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA58M15F TOSHIBA-TA58M15F Datasheet
220Kb / 12P
   500 mA Low Dropout Voltage Regulator
More results

Similar Description - TA58M15S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA58M05F TOSHIBA-TA58M05F Datasheet
220Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Microchip Technology
MIC5237 MICROCHIP-MIC5237 Datasheet
1Mb / 18P
   500 mA Low Dropout Regulator
09/14/21
logo
National Semiconductor ...
LM2937 NSC-LM2937 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937 TI-LM2937_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low Dropout Regulator
LM2937ET-5.0 TI1-LM2937ET-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
TL5209 TI-TL5209 Datasheet
371Kb / 22P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
TL5209 TI-TL5209_10 Datasheet
501Kb / 21P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com