Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA78L005AP Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TA78L005AP
Description  Three-Terminal Positive Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA78L005AP Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TA78L005AP Datasheet HTML 3Page - Toshiba Semiconductor TA78L005AP Datasheet HTML 4Page - Toshiba Semiconductor TA78L005AP Datasheet HTML 5Page - Toshiba Semiconductor TA78L005AP Datasheet HTML 6Page - Toshiba Semiconductor TA78L005AP Datasheet HTML 7Page - Toshiba Semiconductor TA78L005AP Datasheet HTML 8Page - Toshiba Semiconductor TA78L005AP Datasheet HTML 9Page - Toshiba Semiconductor TA78L005AP Datasheet HTML 10Page - Toshiba Semiconductor TA78L005AP Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TA78L005,006,007,075,008,009,10,12,132,15,18,20,24AP
2006-11-02
7
TA78L008AP
Electrical Characteristics
(Unless otherwise specified, VIN = 14 V, IOUT = 40 mA, CIN = 0.33 μF, COUT = 0.1 μF,
0°C
Tj 125°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
1
Tj = 25°C
7.7
8.0
8.3
V
10.5 V ≤ VIN ≤ 23 V
20
175
Line regulation
Reg·line
1
Tj = 25°C
11 V ≤ VIN ≤ 23 V
12
125
mV
1.0 mA ≤ IOUT ≤ 100 mA
15
80
Load regulation
Reg·load
1
Tj = 25°C
1.0 mA ≤ IOUT ≤ 40 mA
7.0
40
mV
10.5 V ≤ VIN ≤ 23 V,
1.0 mA ≤ IOUT ≤ 40 mA
7.6
8.4
Output voltage
VOUT
1
Tj = 25°C
1.0 mA ≤ IOUT ≤ 70 mA
7.6
8.4
V
Tj = 25°C
3.1
6.5
Quiescent current
IB
1
Tj = 125°C
6.0
mA
11 V ≤ VIN ≤ 23 V
1.5
Quiescent current change
ΔIB
1
Tj = 25°C
1.0 mA ≤ IOUT ≤ 40 mA
0.1
mA
Output noise voltage
VNO
2
Ta = 25°C, 10 Hz ≤ f ≤ 100 kHz
60
μVrms
Long term stability
ΔVOUT/Δt
1
20
mV/kh
Ripple rejection
R.R.
3
f = 120 Hz,
12 V ≤ VIN ≤ 23 V, Tj = 25°C
37
45
dB
Dropout voltage
VD
1
Tj = 25°C, IOUT = 150 mA
1.7
V
Average temperature
coefficient of output voltage
TCVO
1
IOUT = 5 mA
−0.8
mV/°C


Similar Part No. - TA78L005AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78L005AP TOSHIBA-TA78L005AP Datasheet
668Kb / 20P
   THREE TERMINAL POSIVIVE REGULATORS
More results

Similar Description - TA78L005AP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM140JAN NSC-LM140JAN Datasheet
535Kb / 12P
   Three Terminal Positive Regulators
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
MC78M15CDT MCC-MC78M15CDT Datasheet
612Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
New Jersey Semi-Conduct...
MC7800 NJSEMI-MC7800 Datasheet
427Kb / 6P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
First Silicon Co., Ltd
LM7805P FS-LM7805P Datasheet
306Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Toshiba Semiconductor
TA78L05S TOSHIBA-TA78L05S_07 Datasheet
666Kb / 15P
   Three-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com