Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA78DS10BP Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TA78DS10BP
Description  5 V, 6 V, 8 V, 9 V, 10 V, 12 V, 15 V Low Dropout Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA78DS10BP Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TA78DS10BP Datasheet HTML 1Page - Toshiba Semiconductor TA78DS10BP Datasheet HTML 2Page - Toshiba Semiconductor TA78DS10BP Datasheet HTML 3Page - Toshiba Semiconductor TA78DS10BP Datasheet HTML 4Page - Toshiba Semiconductor TA78DS10BP Datasheet HTML 5Page - Toshiba Semiconductor TA78DS10BP Datasheet HTML 6Page - Toshiba Semiconductor TA78DS10BP Datasheet HTML 7Page - Toshiba Semiconductor TA78DS10BP Datasheet HTML 8Page - Toshiba Semiconductor TA78DS10BP Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TA78DS05,06,08,09,10,12,15BP,05CP
2006-11-02
3
TA78DS05BP
Electrical Characteristics
(Unless otherwise specified, VIN = 14 V, IOUT = 5 mA, CIN = 0.1 μF, COUT = 3.3 μF, Tj = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
5.35 V ≤ VIN ≤ 26 V
4.75
5.0
5.25
Output voltage
VOUT
5.35 V ≤ VIN ≤ 26 V,
−40°C ≤ Ta ≤ 85°C
4.5
5.0
5.5
V
9.0 V ≤ VIN ≤ 16 V
1
10
Line regulation
Reg·line
6.0 V ≤ VIN ≤ 26 V
4
30
mV
Load regulation
Reg·load
5.0 mA ≤ IOUT ≤ 30 mA
1
50
mV
IOUT = 0 mA
0.6
1
Quiescent current
IB
6 V ≤ VIN ≤ 26 V, IOUT = 5 mA
0.7
1
mA
IOUT = 5 mA
0.1
0.2
Dropout voltage
VD
IOUT = 10 mA
0.2
0.3
V
Max operating voltage
VIN
29
33
V
TA78DS05CP
Electrical Characteristics
(Unless otherwise specified, VIN = 14 V, IOUT = 5 mA, CIN = 0.1 μF, COUT = 3.3 μF, Tj = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
5.35 V ≤ VIN ≤ 26 V
4.8
5.0
5.2
Output voltage
VOUT
5.35 V ≤ VIN ≤ 26 V,
−40°C ≤ Ta ≤ 85°C
4.75
5.0
5.25
V
9.0 V ≤ VIN ≤ 16 V
1
10
Line regulation
Reg·line
6.0 V ≤ VIN ≤ 26 V
4
30
mV
Load regulation
Reg·load
5.0 mA ≤ IOUT ≤ 30 mA
1
50
mV
IOUT = 0 mA
0.6
1
Quiescent current
IB
6 V ≤ VIN ≤ 26 V, IOUT = 5 mA
0.7
1
mA
IOUT = 5 mA
0.1
0.2
Dropout voltage
VD
IOUT = 10 mA
0.2
0.3
V
Max operating voltage
VIN
29
33
V


Similar Part No. - TA78DS10BP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78DS10BP TOSHIBA-TA78DS10BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TA78DS10BP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7805F TOSHIBA-TA7805F_07 Datasheet
659Kb / 18P
   5 V, 5.7 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, 15 V, 18 V, 20 V, 24 V Three Terminal Positive Voltage Regulators
TA7805SB TOSHIBA-TA7805SB_07 Datasheet
662Kb / 15P
   5 V, 5.7 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, 15 V, 18 V, 20 V, 24 V Three-Terminal Positive Voltage Regulators
logo
Infineon Technologies A...
TLE4266 INFINEON-TLE4266_08 Datasheet
212Kb / 14P
   5 V/10 V Low Drop Voltage Regulator Output voltage 5 V or 10 V
Rev. 2.5, 2008-03-10
logo
Analog Devices
ADG2412 AD-ADG2412 Datasheet
1,021Kb / 21P
   0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
Rev. 0
logo
Infineon Technologies A...
TLE7274-2 INFINEON-TLE7274-2 Datasheet
1Mb / 19P
   5-V Low Dropout Voltage Regulator
Rev. 1.01, 2011-11-30
logo
STMicroelectronics
L5150GJ STMICROELECTRONICS-L5150GJ Datasheet
554Kb / 29P
   5 V low dropout voltage regulator
L5150CJTR STMICROELECTRONICS-L5150CJTR Datasheet
664Kb / 34P
   5 V low dropout voltage regulator
L5150CS STMICROELECTRONICS-L5150CS Datasheet
664Kb / 34P
   5 V low dropout voltage regulator
logo
Infineon Technologies A...
TLE7270-2 INFINEON-TLE7270-2 Datasheet
477Kb / 20P
   5-V Low Dropout Voltage Regulator
Rev. 1.01, July 2009
logo
STMicroelectronics
L5150BNTR STMICROELECTRONICS-L5150BNTR Datasheet
500Kb / 20P
   5 V low dropout voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com