Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS12014-A Datasheet(PDF) 6 Page - Powerex Power Semiconductors

Part # PS12014-A
Description  FLAT-BASE TYPE INSULATED TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS12014-A Datasheet(HTML) 6 Page - Powerex Power Semiconductors

  PS12014-A Datasheet HTML 1Page - Powerex Power Semiconductors PS12014-A Datasheet HTML 2Page - Powerex Power Semiconductors PS12014-A Datasheet HTML 3Page - Powerex Power Semiconductors PS12014-A Datasheet HTML 4Page - Powerex Power Semiconductors PS12014-A Datasheet HTML 5Page - Powerex Power Semiconductors PS12014-A Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MITSUBISHI SEMICONDUCTOR <Application Specific Intelligent Power Module>
PS12014-A
FLAT-BASE TYPE
INSULATED TYPE
Jan. 2000
UP,VP,WP,UN,VN,WN,Br
FO1,FO2,FO3,CL
CU,CV,CW
GND(Logic)
VDL(5V)
ASIPM
CPU
10k
5.1k
0.1nF
R
R
0.1nF
on
on
on
on
0
0
0
VPN
DC-Bus voltage
Control voltage supply
Boot-strap voltage
N-Side input signal
P-Side input signal
Brake input signal
FO1 output signal
VDB
VCIN(N)
VCIN(P)
VCIN(Br)
FOI
VDH, DL
b)
a)
PWM starts
N-side IGBT Current
N-side FWDi Current
t(hold)
td(read)
Delay time
+ICL
–ICL
on
off
on
off
0
0
on
off
0
Ref
VCIN
V(hold)
IC
(VS)
VC
VCL
Fig. 9 START-UP SEQUENCE
Normally at start-up, Fo and CL output signals will be pulled-up
High to VDL voltage (OFF level); however, FO1 output may fall to
Low (ON) level at the instant of the first ON input pulse to an N-Side
IGBT. This can happen particularly when the boot-strap capacitor is
of large size. FO1 resetting sequence (together with the boot-strap
charging sequence) is explained in the following graph
Fig. 10 RECOMMENDED I/O INTERFACE CIRCUIT
a) Boot-strap charging scheme :
Apply a train of short ON pulses at all N-IGBT input pins for adequate charging (pulse width = approx. 20
µs number of pulses =10 ~ 500 de-
pending on the boot-strap capacitor size)
b) FO1 resetting sequence:
Apply ON signals to the following input pins : Br
→ Un/Vn/Wn → Up/Vp/Wp in that order.
Fig. 8 INVERTER OUTPUT ANALOGUE CURRENT SENSING AND SIGNALING TIMING CHART.


Similar Part No. - PS12014-A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS12014-A MITSUBISHI-PS12014-A Datasheet
399Kb / 6P
   Acoustic noise-less 0.75kW/AC400V Class 3 Phase inverter and other motor control applications
More results

Similar Description - PS12014-A

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS11017 POWEREX-PS11017 Datasheet
2Mb / 6P
   FLAT-BASE TYPE INSULATED TYPE
PS12018-A POWEREX-PS12018-A Datasheet
393Kb / 6P
   FLAT-BASE TYPE INSULATED TYPE
PS11016 POWEREX-PS11016 Datasheet
408Kb / 6P
   FLAT-BASE TYPE INSULATED TYPE
PS12012-A POWEREX-PS12012-A Datasheet
393Kb / 6P
   FLAT-BASE TYPE INSULATED TYPE
PS11012 POWEREX-PS11012 Datasheet
409Kb / 6P
   FLAT-BASE TYPE INSULATED TYPE
PS12013-A POWEREX-PS12013-A Datasheet
387Kb / 6P
   FLAT-BASE TYPE INSULATED TYPE
PS11014 POWEREX-PS11014 Datasheet
407Kb / 6P
   FLAT-BASE TYPE INSULATED TYPE
PS11015 POWEREX-PS11015 Datasheet
407Kb / 6P
   FLAT-BASE TYPE INSULATED TYPE
PS12015-A POWEREX-PS12015-A Datasheet
392Kb / 6P
   FLAT-BASE TYPE INSULATED TYPE
PS11011 POWEREX-PS11011 Datasheet
406Kb / 6P
   FLAT-BASE TYPE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com