Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1372FNG Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TA1372FNG
Description  VHF Band RF Modulator IC for VCRs and Set top boxes
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1372FNG Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TA1372FNG Datasheet HTML 1Page - Toshiba Semiconductor TA1372FNG Datasheet HTML 2Page - Toshiba Semiconductor TA1372FNG Datasheet HTML 3Page - Toshiba Semiconductor TA1372FNG Datasheet HTML 4Page - Toshiba Semiconductor TA1372FNG Datasheet HTML 5Page - Toshiba Semiconductor TA1372FNG Datasheet HTML 6Page - Toshiba Semiconductor TA1372FNG Datasheet HTML 7Page - Toshiba Semiconductor TA1372FNG Datasheet HTML 8Page - Toshiba Semiconductor TA1372FNG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TA1372FNG
2003-12-25
5
Pin
No.
Name
DC Voltage
(typ.)
AC Voltage
(typ.)
Interface equivalent circuit
Note
12
Sound PLL
loop filter
Sound VCO oscillation
frequency is compared with
4.5MHz, and the error is
outputted by Charge pump.
LPF for high frequency
rejection is connected to
this terminal. And the
voltage for sound VCO
control is generated.
The reference frequency is
20.8 kHz.
13
Analog Vcc
(5 V)
Analog Vcc
14
Antenna SW
driver output
H: 4.1 V
L: 0 V
This terminal is a driver
output for an Antenna SW
switching and controlled by
the terminal 6.
The maximum output
current is 15mA.
15
RF signal
output
3.2 V
93dB
µV
RF signal output pin.
Low-impedance
emitter-follower output
16
N.C.
D.VCC
D.GND
2 k
12
A.VCC
A.GND
15
A.VCC
D.GND
14


Similar Part No. - TA1372FNG

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA1370BM1 TRANSKO-TA1370BM1 Datasheet
434Kb / 4P
   Wireless, RF SAW Filter
Revision 0: April 2011
logo
Toshiba Semiconductor
TA1370FG TOSHIBA-TA1370FG Datasheet
637Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1370FG TOSHIBA-TA1370FG Datasheet
902Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1370FG TOSHIBA-TA1370FG_05 Datasheet
902Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
logo
TAI-SAW TECHNOLOGY CO.,...
TA1375A TAI-SAW-TA1375A Datasheet
417Kb / 7P
   SAW Filter 880 MHz
More results

Similar Description - TA1372FNG

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2519A NJRC-NJM2519A Datasheet
135Kb / 8P
   RF Modulator for VHF Band
NJM2536A NJRC-NJM2536A Datasheet
125Kb / 9P
   RF Modulator for VHF Band
logo
Sanyo Semicon Device
LA7160M SANYO-LA7160M Datasheet
39Kb / 3P
   VHF Band RF Modulator
LA7161V SANYO-LA7161V Datasheet
78Kb / 5P
   VHF Band RF Modulator
logo
Texas Instruments
TPS65230 TI-TPS65230 Datasheet
937Kb / 26P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
TPS65230 TI1-TPS65230_15 Datasheet
1Mb / 30P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
logo
STMicroelectronics
DTTI5516 STMICROELECTRONICS-DTTI5516 Datasheet
87Kb / 2P
   Single module demodulator and decoder IC for digital video set-top boxes
QAMI5516 STMICROELECTRONICS-QAMI5516 Datasheet
54Kb / 2P
   Single module demodulator and decoder IC for digital video set-top boxes
March 2004
logo
Pulse A Technitrol Comp...
C6026 PULSE-C6026 Datasheet
139Kb / 5P
   DIPLEXERS FOR CABLE MODEMS, SET TOP BOXES AND GATEWAYS
logo
Sanyo Semicon Device
LA77000V SANYO-LA77000V Datasheet
209Kb / 8P
   Monolithic Linear IC VHF Band RF Modulator (US3, 4ch Compatible)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com