Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD120-218VFC Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # ALD120-218VFC
Description  120W, Single Output, 2 Channel, Class 2 LED Drivers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ALD120-218VFC Datasheet(HTML) 3 Page - Astrodyne Corporation

  ALD120-218VFC Datasheet HTML 1Page - Astrodyne Corporation ALD120-218VFC Datasheet HTML 2Page - Astrodyne Corporation ALD120-218VFC Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
120W, Single Output, 2 Channel, Class 2 LED Drivers
A L D 1 2 0 series
ASTRODYNE USA: 1-800-823-8082
WWW.ASTRODYNE.COM
ASTRODYNE EUROPE: 353 51 561060
ASTRODYNE PACIFIC: 886-2-26983458
MECHANICAL DIMENSIONS


Similar Part No. - ALD120-218VFC

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALD12 ASTEC-ALD12 Datasheet
592Kb / 20P
   Single Output 16th Brick: 60Watts
logo
Nais(Matsushita Electri...
ALD124 NAIS-ALD124 Datasheet
49Kb / 3P
   1 Form A Slim Power Relay
logo
Emerson Network Power
ALD12A48 EMERSON-NETWORKPOWER-ALD12A48 Datasheet
328Kb / 2P
   High Efficiency
logo
Astec America, Inc
ALD12A48- ASTEC-ALD12A48- Datasheet
592Kb / 20P
   Single Output 16th Brick: 60Watts
ALD12A48-6 ASTEC-ALD12A48-6 Datasheet
592Kb / 20P
   Single Output 16th Brick: 60Watts
More results

Similar Description - ALD120-218VFC

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ALD60 ASTRODYNE-ALD60 Datasheet
841Kb / 3P
   60W, Single Output, Class 2 LED Drivers
logo
International Rectifier
IRAUDAMP5 IRF-IRAUDAMP5_15 Datasheet
833Kb / 51P
   120W x 2 Channel Class D Audio Power Amplifier
logo
Sanyo Semicon Device
STK433-120-E SANYO-STK433-120-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 120W120W
logo
Recom International Pow...
RAC02-GB RECOM-RAC02-GB Datasheet
400Kb / 5P
   2 Watt Single Output EMC Class B
logo
Sanyo Semicon Device
STK415-140-E SANYO-STK415-140-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 120W120W
logo
List of Unclassifed Man...
VLM100 ETC-VLM100 Datasheet
1Mb / 10P
   96 W, Efficient, Compact Constant Voltage Class 2 LED Drivers
Rev. February 2018
logo
Mean Well Enterprises C...
ELN-60 MEANWELL-ELN-60 Datasheet
275Kb / 4P
   60W Single Output Class 2 Switching Power Supply
ELN-60 MEANWELL-ELN-60_12 Datasheet
185Kb / 3P
   60W Single Output Class 2 Switching Power Supply
ELN-60-48D MEANWELL-ELN-60-48D Datasheet
110Kb / 3P
   60W Single Output Class 2 Switching Power Supply
ELN-60 MEANWELL-ELN-60_11 Datasheet
178Kb / 3P
   60W Single Output Class 2 Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com