Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1383AFG Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TA1383AFG
Description  NTSC Chroma Decoder, Multi-Point Scan Sync Processor, H/V Frequency Counter IC for Color TV
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1383AFG Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA1383AFG Datasheet HTML 1Page - Toshiba Semiconductor TA1383AFG Datasheet HTML 2Page - Toshiba Semiconductor TA1383AFG Datasheet HTML 3Page - Toshiba Semiconductor TA1383AFG Datasheet HTML 4Page - Toshiba Semiconductor TA1383AFG Datasheet HTML 5Page - Toshiba Semiconductor TA1383AFG Datasheet HTML 6Page - Toshiba Semiconductor TA1383AFG Datasheet HTML 7Page - Toshiba Semiconductor TA1383AFG Datasheet HTML 8Page - Toshiba Semiconductor TA1383AFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
TA1383AFG
2005-09-05
1
TOSHIBA Bipolar Linear Integrated Circuit
Silicon Monolithic
TA1383AFG
NTSC Chroma Decoder, Multi-Point Scan Sync Processor,
H/V Frequency Counter IC for Color TV
TA1383AFG integrates an NTSC chroma decoder, multi-point
scan sync processor (equivalent to pin D4), and H/V frequency
counter in a 30-pin flat package. The IC is ideal for double scan
TVs.
The baseband signal processing block incorporates sub
adjustment circuits and a RGB/Y color difference matrix. The
sync processor block supports 525I/P, 750P, and 1125I.
TA1383AFG incorporates the I2C bus. The device can control
various functions via the bus line.
Features
Luminance block
• Chroma trap
• Y delay line
Chroma block
• NTSC decoder
• TOF
Baseband block
• Sub contrast
• Sub tint
• Sub color
• Y delay line
• Offset adjustment
• ADC pre-filter (LPF)
• +6dB amp (ON/OFF)
• YCbCr/YPbPr/RGB input supported
• YCbCr/YPbPr output switchable
Sync block
• High-performance sync separator (at NTSC (525I) )
• Horizontal sync (15.734 k, 31.5 k, 33.75 k, 45 kHz)
• Vertical sync playback function (525I/P, 750P, 1125I)
• 2- and 3-level sync separator circuit
• HD/VD input (positive and negative polarities)
• HD/VD output (positive and negative polarities switchable)
• Horizontal/vertical frequency counting function
• Copy guard
Weight: 0.63 g (typ.)


Similar Part No. - TA1383AFG

ManufacturerPart #DatasheetDescription
logo
Pico Technology Ltd.
TA138 PICO-TA138 Datasheet
6Mb / 9P
   Current data logger
logo
TAI-SAW TECHNOLOGY CO.,...
TA1381A TAI-SAW-TA1381A Datasheet
376Kb / 8P
   SAW Filter 978 MHz
logo
Toshiba Semiconductor
TA1384FNG TOSHIBA-TA1384FNG Datasheet
302Kb / 22P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
logo
TAI-SAW TECHNOLOGY CO.,...
TA1386A TAI-SAW-TA1386A Datasheet
460Kb / 8P
   SAW Filter 826.5 MHz
logo
Golledge Electronics Lt...
TA1386A GOLLEDGE-TA1386A Datasheet
167Kb / 6P
   SAW Filter 826.50MHz
More results

Similar Description - TA1383AFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8801AN TOSHIBA-TA8801AN_01 Datasheet
1Mb / 36P
   VIDEO/CHROMA/DEFLECTION PROCESSOR IC FOR NTSC COLOR TV
TA8801AN TOSHIBA-TA8801AN Datasheet
1Mb / 35P
   VIDEO/CHROMA/DEFLECTION PROCESSOR IC FOR NTSC COLOR TV
TA8819FG TOSHIBA-TA8819FG Datasheet
1Mb / 30P
   NTSC VIDEO CHROMA SIGNAL PROCESSOR SYNC PLAYBACK IC FOR LCD TV
TA1318AFG TOSHIBA-TA1318AFG Datasheet
376Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1370FG TOSHIBA-TA1370FG Datasheet
637Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1318AF TOSHIBA-TA1318AF Datasheet
637Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1318NG TOSHIBA-TA1318NG Datasheet
897Kb / 41P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1370FG TOSHIBA-TA1370FG_05 Datasheet
902Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA8819F TOSHIBA-TA8819F Datasheet
1,015Kb / 30P
   NTSC VIDEO CHROMA SIGNAL PROCESSOR SYNC PLAY BACK IC FOR LCD TV
logo
Panasonic Semiconductor
AN5163K PANASONIC-AN5163K Datasheet
696Kb / 10P
   NTSC COLOR TV SIGNAL PROCESSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com