Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1395FNG Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TA1395FNG
Description  Mixer/Oscillator and PLL IC for TV/VCR Tuner
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1395FNG Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TA1395FNG Datasheet HTML 4Page - Toshiba Semiconductor TA1395FNG Datasheet HTML 5Page - Toshiba Semiconductor TA1395FNG Datasheet HTML 6Page - Toshiba Semiconductor TA1395FNG Datasheet HTML 7Page - Toshiba Semiconductor TA1395FNG Datasheet HTML 8Page - Toshiba Semiconductor TA1395FNG Datasheet HTML 9Page - Toshiba Semiconductor TA1395FNG Datasheet HTML 10Page - Toshiba Semiconductor TA1395FNG Datasheet HTML 11Page - Toshiba Semiconductor TA1395FNG Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
TA1395FNG
2005/05/20
8
Electric Characteristics
(Unless otherwise specified, Vcc = 5 V, Ta = 25℃)
CHARACTERISTICS
SYMBOL
TEST
CIRCUIT
BAND
TEST CONDITION
(note5, 6)
MIN.
TYP.
MAX.
UNIT
Icc-1
VHF
B1 = ON (BS_VH=open)
52
65
78
Icc-2
UHF
B3 = ON (BS_FM=open)
53
66
79
Power Supply and Current
Icc-3
1
-
Power Save setting
6
9
12
mA
VHF
RF = 55.25 MHz -40 dBmWin
21
24
27
VHF
RF = 367.25 MHz -40 dBmWin
22
25
28
UHF
RF = 373.25 MHz -40 dBmWin
26
29
32
Conversion Gain
(see 1)
CG
2
UHF
RF = 801.25 MHz -40 dBmWin
27
30
33
dB
VHF
RF = 55.25 MHz
8.5
11.0
VHF
RF = 367.25 MHz
8.5
11.0
UHF
RF = 373.25 MHz
8.5
11.0
IF Output Power Level
(see 2)
Ifp
2
UHF
RF = 801.25 MHz
8.5
11.0
dBmW
VHF
RF = 55.25 MHz -35 dBmWin
± 0.5
VHF
RF = 367.25 MHz -35 dBmWin
± 0.5
UHF
RF = 373.25 MHz -35 dBmWin
± 0.5
Conversion Gain Shift
(see 3)
CGs
2
UHF
RF = 801.25 MHz -35 dBmWin
± 0.5
dB
Band Port Drive Current BS_V
IBD-V
1
Pin 7, maximum drive current
5
mA
Band Port Drive Current BS_VH
IBD-VH
1
Pin 8, maximum drive current
10
mA
Band Port Drive Current BS_FM
IBD-FM
1
Pin 9, maximum drive current
5
mA
Band Port Drive Maximum
Current
IBD-MAX
1
Maximum drive current / 2 port ON
15
mA
Band Port Drive Voltage Drop
VBDsat
1
With each port at maximum current
drive. 1 port ON
0.15
0.2
V
Tuning Amplifier Output
Voltage (Close Loop)
Vt out
1
Isink = 1.5 mA
0.3
33
V
Tuning Amplifier Maximum
Current
Ivt
1
VBT = 33 V
1.5
mA
Crystal Negative Resistance
XtR
1
4-MHz crystal used
1
2
Ratio Setting Range
N
-
15-bit counter
1024
32767
Ratio
Logic Input Low Voltage
VBsL
1
SDA, SCL pin
- 0.3
1.5
V
Logic Input High Voltage
VBsH
1
SDA, SCL pin
2.7
Vcc
+0.3
V
Logic Input Current (Low)
I BsL
1
SDA, SCL pin
- 20
10
µA
Logic Input Current (High)
I BsH
1
SDA, SCL pin
- 10
20
µA
CP = 0
±40
±55
±70
Charge Pump Output Current
Ichg
1
CP = 1
±190
±250
±310
µA
ACK Output Voltage
VACK
1
Isink = 3 mA
0.4
V
note5: IF output frequency: 45.75 MHz
note6: IF output load: 75 Ω


Similar Part No. - TA1395FNG

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1395A TAI-SAW-TA1395A Datasheet
165Kb / 8P
   SAW Filter 881.5 MHz BW25MHz
More results

Similar Description - TA1395FNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1384FNG TOSHIBA-TA1384FNG Datasheet
302Kb / 22P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
logo
TEMIC Semiconductors
U6209B TEMIC-U6209B Datasheet
155Kb / 11P
   1.3 GHz PLL for TV- and VCR- Tuner
U6220B TEMIC-U6220B Datasheet
183Kb / 14P
   1.3 GHz PLL for TV- and VCR- Tuner
U6206B TEMIC-U6206B Datasheet
125Kb / 8P
   1.3 GHz PLL for TV- and VCR- Tuner
logo
New Japan Radio
NJM2540 NJRC-NJM2540 Datasheet
122Kb / 8P
   Mixer and Oscillator for TV Tuner
NJM2531A NJRC-NJM2531A Datasheet
113Kb / 8P
   Mixer and Oscillator for TV Tuner
logo
Texas Instruments
SN761672ADAR TI-SN761672ADAR Datasheet
258Kb / 18P
[Old version datasheet]   TV/VCR TUNER IC
SN761672A TI-SN761672A Datasheet
268Kb / 18P
[Old version datasheet]   TV/VCR TUNER IC
logo
NXP Semiconductors
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
logo
Texas Instruments
SN761678 TI1-SN761678 Datasheet
331Kb / 20P
[Old version datasheet]   TV/VCR TUNER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com