Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS12032 Datasheet(PDF) 6 Page - Powerex Power Semiconductors

Part # PS12032
Description  Intellimod??Module Application Specific IPM (5 Amperes/1200 Volts)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS12032 Datasheet(HTML) 6 Page - Powerex Power Semiconductors

  PS12032 Datasheet HTML 1Page - Powerex Power Semiconductors PS12032 Datasheet HTML 2Page - Powerex Power Semiconductors PS12032 Datasheet HTML 3Page - Powerex Power Semiconductors PS12032 Datasheet HTML 4Page - Powerex Power Semiconductors PS12032 Datasheet HTML 5Page - Powerex Power Semiconductors PS12032 Datasheet HTML 6Page - Powerex Power Semiconductors PS12032 Datasheet HTML 7Page - Powerex Power Semiconductors PS12032 Datasheet HTML 8Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PS12032
Intellimod™ Module
Application Specific IPM
5 Amperes/1200 Volts
76
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
0
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
(INVERTER PART, N-SIDE)
tc(off)
tc(on)
tc(off)
tc(on)
10-1
101
100
102
10-2
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
(INVERTER PART, N-SIDE)
10-1
101
100
VCC = 600V
VD = VDB = 15V
Tj = 25
oC
Tj = 125
oC
COLLECTOR CURRENT, IC, (AMPERES)
Esw(off)
Esw(on)
Esw(off)
Esw(on)
1
2
6
3
4
5
COLLECTOR-EMITTER SATURATION VOLTAGE
VS. COLLECTOR CURRENT (TYPICAL)
(INVERTER PART)
COLLECTOR CURRENT, IC, (AMPERES)
01
7
6
23
4
5
VD = VDB = 15V
Tj = 25
oC
Tj = 125
oC
0
0.5
1.5
1.0
3.5
2.0
2.5
3.0
COLLECTOR-EMITTER SATURATION VOLTAGE
VS. SUPPLY VOLTAGE (TYPICAL)
(INVERTER PART)
SUPPLY VOLTAGE, VD, (VOLTS)
13
17
18
14
15
16
IC = 5A
Tj = 25
oC
Tj = 125
oC
10-1
101
100
102
10-1
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
(INVERTER PART, P-SIDE)
100
101
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
(INVERTER PART, P-SIDE)
ton
toff
VCC = 600V
VD = VDB = 15V
Tj = 25
oC
Tj = 125
oC
COLLECTOR CURRENT, IC, (AMPERES)
COLLECTOR-EMITTER VOLTAGE, VCE(sat), (VOLTS)
OUTPUT CHARACTERISTICS (TYPICAL)
(INVERTER PART)
01
2
3
6
5
4
2
0
Tj = 25
oC
4
7
6
5
3
1
VD = 17V
13
15
SWITCHING LOSS
CHARACTERISTICS (TYPICAL)
(INVERTER PART, N-SIDE)
SWITCHING LOSS
CHARACTERISTICS (TYPICAL)
(INVERTER PART, P-SIDE)
INDUCTIVE LOAD
toff
ton
10-1
100
101
102
10-1
101
100
10-1
100
101
102
10-2
10-1
101
100
VCC = 600V
VD = VDB = 15V
Tj = 25
oC
Tj = 125
oC
INDUCTIVE LOAD
VCC = 600V
VD = VDB = 15V
Tj = 25
oC
Tj = 125
oC
INDUCTIVE LOAD
10-1
100
101
102
10-2
10-1
101
100
VCC = 600V
VD = VDB = 15V
Tj = 25
oC
Tj = 125
oC
INDUCTIVE LOAD
10-1
100
101
102
10-2
10-1
101
100
VCC = 600V
VD = VDB = 15V
Tj = 25
oC
Tj = 125
oC
INDUCTIVE LOAD
INDUCTIVE LOAD


Similar Part No. - PS12032

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS12032 MITSUBISHI-PS12032 Datasheet
79Kb / 5P
   Application Specific Intelligent Power Module FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PS12032

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS12033 POWEREX-PS12033 Datasheet
108Kb / 8P
   Intellimod??Module Application Specific IPM (5 Amperes/1200 Volts)
PS12038 POWEREX-PS12038 Datasheet
121Kb / 8P
   Intellimod??Module Application Specific IPM (25 Amperes/1200 Volts)
PS12036 POWEREX-PS12036 Datasheet
108Kb / 8P
   Intellimod??Module Application Specific IPM (15 Amperes/1200 Volts)
PS12034 POWEREX-PS12034 Datasheet
108Kb / 8P
   Intellimod??Module Application Specific IPM (10 Amperes/1200 Volts)
PS11032 POWEREX-PS11032 Datasheet
83Kb / 6P
   Intellimod??Module Application Specific IPM (4 Amperes/600 Volts)
PS11035 POWEREX-PS11035 Datasheet
83Kb / 6P
   Intellimod??Module Application Specific IPM (20 Amperes/600 Volts)
PS11034 POWEREX-PS11034 Datasheet
83Kb / 6P
   Intellimod??Module Application Specific IPM (15 Amperes/600 Volts)
PS11037 POWEREX-PS11037 Datasheet
89Kb / 6P
   Intellimod??Module Application Specific IPM (50 Amperes/600 Volts)
PS11033 POWEREX-PS11033 Datasheet
82Kb / 6P
   Intellimod??Module Application Specific IPM (8 Amperes/600 Volts)
PS11036 POWEREX-PS11036 Datasheet
90Kb / 6P
   Intellimod??Module Application Specific IPM (30 Amperes/600 Volts)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com