Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA2092N Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TA2092N
Description  Power Driver IC for CD Player
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2092N Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA2092N Datasheet HTML 1Page - Toshiba Semiconductor TA2092N Datasheet HTML 2Page - Toshiba Semiconductor TA2092N Datasheet HTML 3Page - Toshiba Semiconductor TA2092N Datasheet HTML 4Page - Toshiba Semiconductor TA2092N Datasheet HTML 5Page - Toshiba Semiconductor TA2092N Datasheet HTML 6Page - Toshiba Semiconductor TA2092N Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TA2092N
2001-12-19
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2092N
Power Driver IC for CD Player
The TA2092N is a power driver IC developed for CD players.
This IC have built-in 4 channel BTL power amplifiers which
drives focus-coil, tracking-coil for 3-beam pick-up head, disc
motor and feed motor.
Features
· 4 channel BTL linear drivers
· Fixed voltage gain: GV = 15dB (typ.)
· High output power
: VOM1 = 5 Vp-p (typ.) @VCC = 5 V, RL = 5 Ω
: VOM2 = 6 Vp-p (typ.) @VCC = 6 V, RL = 5 Ω
· Thermal shutdown circuit
· Input reference voltage short protection
· Operating voltage range: VCC (opr) = 4.0~10.0 V (Ta = 25°C)
Block Diagram
Weight: 1.2 g (typ.)


Similar Part No. - TA2092N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2092N TOSHIBA-TA2092N Datasheet
263Kb / 6P
   POWER DRIVER IC FOR CD PLAYER
More results

Similar Description - TA2092N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2125AF TOSHIBA-TA2125AF_03 Datasheet
118Kb / 7P
   Power Driver IC for CD Player
TA2092N TOSHIBA-TA2092N Datasheet
263Kb / 6P
   POWER DRIVER IC FOR CD PLAYER
TA2125AF TOSHIBA-TA2125AF Datasheet
101Kb / 7P
   Power Driver IC for CD Player
TA2058F TOSHIBA-TA2058F Datasheet
405Kb / 11P
   POWER DRIVER IC FOR CD PLAYER
TA8192F TOSHIBA-TA8192F Datasheet
224Kb / 6P
   POWER DRIVER IC FOR CD PLAYER
TA2092AN TOSHIBA-TA2092AN Datasheet
207Kb / 7P
   Power Driver IC for CD Player
TA8212F TOSHIBA-TA8212F Datasheet
253Kb / 6P
   4CH POWER DRIVER IC FOR CD PLAYER
logo
Rohm
BA6292 ROHM-BA6292 Datasheet
145Kb / 5P
   POWER DRIVER FOR CD PLAYER
BA5961FV ROHM-BA5961FV Datasheet
96Kb / 7P
   Power driver for CD player
BA5962FVM ROHM-BA5962FVM Datasheet
80Kb / 5P
   Power driver for CD player
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com