Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA2109F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TA2109F
Description  RF Amplifier for Digital Servo CD System
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2109F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TA2109F_02 Datasheet HTML 1Page - Toshiba Semiconductor TA2109F_02 Datasheet HTML 2Page - Toshiba Semiconductor TA2109F_02 Datasheet HTML 3Page - Toshiba Semiconductor TA2109F_02 Datasheet HTML 4Page - Toshiba Semiconductor TA2109F_02 Datasheet HTML 5Page - Toshiba Semiconductor TA2109F_02 Datasheet HTML 6Page - Toshiba Semiconductor TA2109F_02 Datasheet HTML 7Page - Toshiba Semiconductor TA2109F_02 Datasheet HTML 8Page - Toshiba Semiconductor TA2109F_02 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TA2109F
2002-08-06
4
Electrical Characteristics (unless otherwise specified, VCC = 5 V, Ta = 25°C)
AC Characteristics
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Assured supply voltage
VCC
1
4.5
5.0
5.5
V
Power
supply
Power supply voltage
ICC
1
SEL = VCC
18
24
30
mA
Reference voltage
2VR
1
4.0
4.2
4.4
V
Output current
IOH2
1
∆V = −0.1 V
3.0
mA
Reference
voltage:
2VREF
Input current
IOL2
1
∆V = +0.1 V
0.1
mA
Reference voltage
VR
1
2.0
2.1
2.2
V
Reference voltage limit
∆VR
1
2 × VR/2 VR −1
−3.0
0.0
+3.0
%
Output current
IOH1
1
∆V = −0.1 V
5.0
mA
Reference
voltage:
VREF
Input current
IOL1
1
∆V = +0.1 V
5.0
mA
Transfer resistance
RT
1
f = 100 kHz, RNF = 22 kΩ
117
130
143
kΩ
Frequency characteristic
fc
1
−3dB point
5.0
MHz
Output slew rate
SR
1
CRFO = 20 pF
10
20
V/µs
Noise/Distortion rate
THD
1
f = 100 kHz, VRFO = 1.2 Vp-p
−40
dB
Upper limit output voltage
VOH
1
GND reference
3.6
V
Lower limit output voltage
VOL
1
GND reference
0.7
V
RF1
FPI (FNI)
→ RFO
Permissive load
resistance
RLM
1
10
kΩ
Lower limit gain voltage
GV1
1
f = 100 kHz, RFGC = 0.6 V
0.66
0.73
0.80
V/V
Upper limit gain voltage
GV2
1
f = 100 kHz, RFGC = 3.6 V
1.60
1.75
1.90
V/V
Frequency characteristic
fc
1
−3dB point
5.0
MHz
Output slew rate
SR
1
CRFGO = 20 pF
10
20
V/µs
Upper limit output voltage
VOH
1
GND reference
3.6
V
Lower limit output voltage
VOL
1
GND reference
0.7
V
Noise/Distortion rate
THD
1
f = 100 kHz, VRFGO = 1.2 Vp-p
−40
dB
RF2
(AGC)
RFO
→ RFGO
Permissive load
resistance
RLM
1
10
kΩ
Gain voltage
Gv
1
f = 1 kHz
200
V/V
Operation reference
voltage
VMDI
1
VLDO = 3.5 VDC
170
178
192
mV
LD Off voltage
VLDOP
1
LDC = L, VCC reference,
SEL = L
−0.7
V
APC
MDI
→ LDO
Input bias current
II
1
VMDI = 178 mV
−200
+200
nA
Transfer resistance
RT
1
f = 1 kHz, RNF = 39 kΩ
198
220
242
kΩ
Gain balance
GB
1
−1.0
+1.0
dB
Frequency characteristic
fc
1
−3dB point
22
kHz
Output offset voltage
VOS
1
VR reference, input open
−30
+30
mV
Noise/distortion rate
THD
1
f = 1 kHz, VFEO = 2.4 Vp-p
−40
dB
Upper limit output voltage
VOH
1
GND reference
3.8
V
Lower limit output voltage
VOL
1
GND reference
0.5
V
FE
FNI (FPI)
→ FEO
Permissive load
resistance
RLM
1
10
kΩ


Similar Part No. - TA2109F_02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2109F TOSHIBA-TA2109F Datasheet
366Kb / 8P
   RF AMPLIFIER FOR DIGITAL SERVO CD SYSTEM
More results

Similar Description - TA2109F_02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2153FN TOSHIBA-TA2153FN Datasheet
122Kb / 9P
   RF Amplifier for Digital Servo CD System
TA2151FN TOSHIBA-TA2151FN Datasheet
150Kb / 10P
   RF Amplifier for Digital Servo CD System
logo
Silan Microelectronics ...
SA9618A SILAN-SA9618A Datasheet
159Kb / 5P
   RF AMPLIFIER FOR CD DIGITAL SERVO SYSTEM
logo
Toshiba Semiconductor
TA2109F TOSHIBA-TA2109F Datasheet
366Kb / 8P
   RF AMPLIFIER FOR DIGITAL SERVO CD SYSTEM
TA2066F TOSHIBA-TA2066F Datasheet
351Kb / 7P
   RF AMPLIFIER FOR DIGITAL SERVO CD STSTEM
logo
Silan Microelectronics ...
SA9614 SILAN-SA9614 Datasheet
195Kb / 8P
   RF AMPLIFIER FOR DIGITAL SERVO SYSTEM
SA9616 SILAN-SA9616 Datasheet
207Kb / 7P
   RF AMPLIFIER FOR DIGITAL SERVO SYSTEM
logo
KEC(Korea Electronics)
KIA2122FN KEC-KIA2122FN Datasheet
153Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (RF AMPLIFIER FOR DIGITAL SERVO CD SYSTEM)
logo
Toshiba Semiconductor
TA2157F TOSHIBA-TA2157F Datasheet
184Kb / 14P
   Digital Servo Head Amp for CD System
logo
KEC(Korea Electronics)
KIA2109F KEC-KIA2109F Datasheet
163Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC (RF AMPLIFIER FOR DIGITAL SERVO CD SYSTEM)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com