Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AED20M48N-6 Datasheet(PDF) 10 Page - Astec America, Inc

Part # AED20M48N-6
Description  Single Output 16th Brick: 60Watts
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AED20M48N-6 Datasheet(HTML) 10 Page - Astec America, Inc

Back Button AED20M48N-6 Datasheet HTML 6Page - Astec America, Inc AED20M48N-6 Datasheet HTML 7Page - Astec America, Inc AED20M48N-6 Datasheet HTML 8Page - Astec America, Inc AED20M48N-6 Datasheet HTML 9Page - Astec America, Inc AED20M48N-6 Datasheet HTML 10Page - Astec America, Inc AED20M48N-6 Datasheet HTML 11Page - Astec America, Inc AED20M48N-6 Datasheet HTML 12Page - Astec America, Inc AED20M48N-6 Datasheet HTML 13Page - Astec America, Inc AED20M48N-6 Datasheet HTML 14Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Technical Reference Notes
ALD12/18/20/25 Series
(Single Output 16
th Brick)
MODEL: ALD12/18/20/25 SERIES
SHEET 10 OF 20
AUGUST 17, 2005 – REVISION C
Performance Curves
3.3V Version (continued)
Figure 14. 3.3V Startup Characteristic at VIN = 48Vdc,
IO = Full Load, TA = 25°C, CO = 0.
Figure 15. 3.3V Output Ripple at VIN = 48Vdc, IO =
Full Load, TA = 25°C.
ALD18F48 Current vs. Temperature
0
2
4
6
8
10
12
14
16
18
25
40
55
70
85
Temperature (°C)
0LFM
100LFM
200LFM
300LFM
400LFM
Figure 16. 3.3V Output current vs. ambient temperature
curves at VIN = 48Vdc.
Figure 17. 3.3V Transient Response 50% to 75% step at
VIN = 48Vdc, TA = 25°C, di/dt = 0.1A/µs, CO = 0.


Similar Part No. - AED20M48N-6

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AED EMERSON-NETWORKPOWER-AED Datasheet
235Kb / 2P
   Industry standard package 16th Brick 0.90??x 1.30
logo
XP Power Limited
AED XPPOWER-AED Datasheet
111Kb / 4P
   Single Outputs from 5 V to 48 V
logo
Ohmite Mfg. Co.
AED1000RE OHMITE-AED1000RE Datasheet
43Kb / 1P
   Epoxy Molded Precision Wirewound Axial Terminals
logo
XP Power Limited
AED100US12 XPPOWER-AED100US12 Datasheet
170Kb / 2P
   AC-DC Power Supplies
AED100US15 XPPOWER-AED100US15 Datasheet
170Kb / 2P
   AC-DC Power Supplies
More results

Similar Description - AED20M48N-6

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPMGS-20 RECOM-RPMGS-20 Datasheet
965Kb / 7P
   20 Amp 16th Brick Open Frame Single Output
REV.: 0/2022
logo
Qualtek Electronics Cor...
QPD-60 QUALTEK-QPD-60 Datasheet
577Kb / 2P
   60Watts Single Output
QPD-60-5 QUALTEK-QPD-60-5 Datasheet
1Mb / 2P
   60Watts Single Output
QPS-60 QUALTEK-QPS-60 Datasheet
563Kb / 2P
   60Watts Single Output
logo
Bel Fuse Inc.
XRSB-80T03X BEL-XRSB-80T03X Datasheet
1Mb / 15P
   3.3 VDC / 25 A Output / 16th Brick Converter
logo
Emerson Network Power
ALD13B50 EMERSON-NETWORKPOWER-ALD13B50 Datasheet
578Kb / 3P
   1/16th Brick IBC Series
logo
Delta Electronics, Inc.
AMD-24V060WXYA DELTA-AMD-24V060WXYA Datasheet
881Kb / 5P
   60Watts Output Power
V36SE3R315NRFA DELTA-V36SE3R315NRFA Datasheet
448Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Delphi Series V36SE, 1/16th Brick DC/DC
V36SE DELTA-V36SE Datasheet
721Kb / 13P
   Industry standard 1/16th brick size & pinout
V36SE05010 DELTA-V36SE05010 Datasheet
721Kb / 13P
   Industry standard 1/16th brick size & pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com