Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASC-15D Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # ASC-15D
Description  30 Watt Ultraminiature Modular Switching Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASC-15D Datasheet(HTML) 3 Page - Astrodyne Corporation

  ASC-15D Datasheet HTML 1Page - Astrodyne Corporation ASC-15D Datasheet HTML 2Page - Astrodyne Corporation ASC-15D Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
30 Watt Ultraminiature Modular Switching Power Supplies
A S C series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
VER : A_0
update : 94.03.21
AC-DC Power Module
ASC SERIES
30 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508 FAX: +886-2-26981319
-3-
MECHANICAL DIMENSION ( Top View )
BLOCK DIAGRAM
DERATING
PIN#
SINGLE
Dual
5S/12S
Triple
1
AC IN (N)
AC IN (N)
AC IN (N)
AC IN (N)
2
AC IN (L)
AC IN (L)
AC IN (L)
AC IN (L)
3
+DC OUT
+DC OUT
+12V
+DC OUT
4
NO PIN
NO PIN
+5V
+5V
5
-DC OUT
COMMON
+12 RTN
COMMON
6
NO PIN
NO PIN
+5 RTN
+5 RTN
7
NOCONNECT
-DC OUT
NO PIN
-DC OUT


Similar Part No. - ASC-15D

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ASC-15D ARCH-ASC-15D Datasheet
547Kb / 6P
   AC-DC Power Module
More results

Similar Description - ASC-15D

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ANC ASTRODYNE-ANC Datasheet
252Kb / 3P
   15 Watt Ultraminiature Modular Switching Power Supplies
APC ASTRODYNE-APC Datasheet
247Kb / 3P
   5 Watt Ultraminiature Modular Switching Power Supplies
ATC ASTRODYNE-ATC Datasheet
244Kb / 3P
   10 Watt Ultraminiature Modular Switching Power Supplies
MCA-15 ASTRODYNE-MCA-15 Datasheet
1Mb / 5P
   15W Ultraminiature Modular Switching Power Supplies
logo
List of Unclassifed Man...
MCA-15 ETC2-MCA-15 Datasheet
1Mb / 5P
   15W Ultraminiature Modular Switching Power Supplies
logo
Astrodyne Corporation
MCA-5 ASTRODYNE-MCA-5 Datasheet
1Mb / 5P
   5W Ultraminiature Modular Switching Power Supplies
MCA-10 ASTRODYNE-MCA-10 Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
MCA-30 ASTRODYNE-MCA-30 Datasheet
1Mb / 5P
   30W Ultraminiature Modular Switching Power Supplies
MCA10 ASTRODYNE-MCA10 Datasheet
1,000Kb / 6P
   10W Ultraminiature Modular Switching Power Supplies
MCA5 ASTRODYNE-MCA5 Datasheet
496Kb / 6P
   5W Ultraminiature Modular Switching Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com