Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA2131FLG Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TA2131FLG
Description  Low Current Consumption Headphone Amplifier for Portable MD Player (With Bass Boost
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2131FLG Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TA2131FLG Datasheet HTML 4Page - Toshiba Semiconductor TA2131FLG Datasheet HTML 5Page - Toshiba Semiconductor TA2131FLG Datasheet HTML 6Page - Toshiba Semiconductor TA2131FLG Datasheet HTML 7Page - Toshiba Semiconductor TA2131FLG Datasheet HTML 8Page - Toshiba Semiconductor TA2131FLG Datasheet HTML 9Page - Toshiba Semiconductor TA2131FLG Datasheet HTML 10Page - Toshiba Semiconductor TA2131FLG Datasheet HTML 11Page - Toshiba Semiconductor TA2131FLG Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TA2131FLG
2006-04-19
8
2.
Low-Pass Compensation
2-1.
Function
In C-couple type power amplifiers, it is necessary to give the output condenser C a large capacity to
flatten out the frequency characteristics to the low frequency band (this is because the loss in the low
frequency bandwidth becomes larger due to the effect of the high-pass filter comprising C and RL).
Particularly when the headphone load is approximately 16
Ω and an attempt is being made to achieve
frequency characteristics of
±3 dB at 20 Hz, a large capacity condenser of
C
= 470 µF is required.
Bearing this situation in mind, a low-pass compensation function was built in to the TA2131FLG, and
while reducing the capacity of the output coupling condenser, almost flat (
±3 dB) frequency
characteristics in all audible bandwidths (20 Hz to 20 kHz) have been achieved.
Fig.3 shows the low-pass system diagram, and Fig.4 shows the frequency characteristics at each point.
In Fig.4, (a) represents the status lost by the low-pass as a result of the high-pass filter comprising
the headphone load (RL
= 16 Ω) and the output coupling condenser (220 µF) in the C-coupling system.
DAC
OUT
22
21
2
Vref
ADD
Vref
INA
BST2
PWA
PWB
8
4
RL
INB
OUTB
BST
NF2
OUTA
10 k
10 k
Ω 15 kΩ
10 k
Ω 15 kΩ
10 k
10 k
20 k
16
220
µF
220
µF
V (OUT)
RL
16
20 k
20 k
1
µF
10
µF
10
µF
V (RL)
Figure 3
Low-Pass Compensation System Diagram
f
(Hz)
1
10
100
1 k
10 k
100 k
−60
40
20
0
−20
−40
V (OUT)
V (BST OUT)
V (LPF1)
V (NF1)
V (RL)
V (LPF2)
V (NF2)
Figure 2
During Bass Boost (Frequency Characteristics to Each Terminal)


Similar Part No. - TA2131FLG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2131FL TOSHIBA-TA2131FL Datasheet
857Kb / 21P
   LOW CURRENT CONSUMPTION GEADPHONE AMPLIFIER FOR PORTABLE MD PLAYER (WITH BASS BOOST FUNCTION)
More results

Similar Description - TA2131FLG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2131FN TOSHIBA-TA2131FN Datasheet
280Kb / 19P
   Low Current Consumption Headphone Amplifier for Portable MD Player (With Bass Boost Function)
TA2131FNG TOSHIBA-TA2131FNG Datasheet
412Kb / 19P
   Low Current Consumption Headphone Amplifier for Portable MD Player (With Bass Boost Function)
TA2131FL TOSHIBA-TA2131FL Datasheet
857Kb / 21P
   LOW CURRENT CONSUMPTION GEADPHONE AMPLIFIER FOR PORTABLE MD PLAYER (WITH BASS BOOST FUNCTION)
logo
Mitsumi Electronics, Co...
LAG668 MITSUMI-LAG668 Datasheet
134Kb / 5P
   IC for Headphone Stereos (bass boost)
logo
Toshiba Semiconductor
TA2120FNG TOSHIBA-TA2120FNG Datasheet
253Kb / 17P
   Low Consumption Current Stereo Headphone Power Amplifier for Portable CD (3V Use)
logo
List of Unclassifed Man...
CFS308 ETC2-CFS308 Datasheet
713Kb / 1P
   BEST SUITED FOR PORTABLE WITH LOW CURRENT CONSUMPTION
logo
New Japan Radio
NJM2772V-TE1 NJRC-NJM2772V-TE1 Datasheet
59Kb / 4P
   LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
NJM2171A NJRC-NJM2171A Datasheet
23Kb / 3P
   LOW VOLTAGE HEADPHONE AMPLIFIER for PORTABLE AUDIO
NJM2772 NJRC-NJM2772 Datasheet
55Kb / 4P
   LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
NJM2776 NJRC-NJM2776 Datasheet
611Kb / 10P
   Headphone Amplifier for Portable Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com