Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS12033 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # PS12033
Description  Intellimod??Module Application Specific IPM (5 Amperes/1200 Volts)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS12033 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  PS12033 Datasheet HTML 1Page - Powerex Power Semiconductors PS12033 Datasheet HTML 2Page - Powerex Power Semiconductors PS12033 Datasheet HTML 3Page - Powerex Power Semiconductors PS12033 Datasheet HTML 4Page - Powerex Power Semiconductors PS12033 Datasheet HTML 5Page - Powerex Power Semiconductors PS12033 Datasheet HTML 6Page - Powerex Power Semiconductors PS12033 Datasheet HTML 7Page - Powerex Power Semiconductors PS12033 Datasheet HTML 8Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PS12033
Intellimod™ Module
Application Specific IPM
5 Amperes/1200 Volts
82
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Control Sector
Circuit Current (Average)
ID
Tj = 25°C, VD = 15V, VIN = 5V
50
mA
IDB
Tj = 25°C, VD = VDB = 15V, VIN = 5V
5
mA
Input ON Threshold Voltage
Vth(on)
0.8
1.4
2.0
Volts
Input OFF Threshold Voltage
Vth(off)
2.5
3.0
4.0
Volts
Input Pull-up Resistor
Ri
Applied between
50
k
Input Terminal-inside Power Supply
PWM Input Frequency
fPWM
TC ≤ 100°C, Tj ≤ 125°C—
10
15
kHz
Arm Shoot-through Blocking Time*
tDEAD
Relates to Corresponding Inputs
4.0
µS
TC = -20°C ~ 100°C
Input Interlock Sensing
tint
Relates to Corresponding Input
100
ns
Inverter DC-link IGBT Current
Vamp 100%
IC = IOP(100%), VD = 15V, Tj = 25°C
1.5
2.0
2.5
Volts
Sense Voltage Output Signal**
Vamp 200%
IC = IOP(200%), VD = 15V, Tj = 25°C
3.0
4.0
5.0
Volts
Inverter DC-link IGBT Current
Vamp 250%
IC = IOP(250%), VD = 15V
5.0
Volts
Sense Voltage Output Limit**
Vamp 0%
IC = IOP(0%), VD = 15V
50
100
mV
Over-current Trip Level
OC
7.6
9.1
Amperes
Over-current Delay Time
tOC
Tj = 25°C—
10
µS
Short-circuit Trip Level
SC
13.7
Amperes
Short-circuit Delay Time
tSC
—2
µs
Trip Level
UVD
11.0
12.0
12.75
Volts
Supply Circuit
Reset Level
UVDr
11.5
12.5
13.25
Volts
Under-voltage
Trip Level
UVDB
TC = Tj = 25°C
10.1
10.8
11.6
Volts
Protection
Reset Level
UVDBr
10.6
11.3
12.1
Volts
Delay Time
tdV
—10
µS
Fault Output Pulse Width***
tFO
Tj = 25°C
1.0
1.8
mS
Fault Output Current***
IFo(H)
Open Collector Output
1
µA
IFo(L)
——
15
mA
Thermistor Resistance
RTO
TO = 25°C (298K)
9.5
10
10.5
k
Material Constant****
β
T1 = 25°C, T2 = 50°C—
3450
K
* The dead-time has to be set externally by the CPU; it is not part of the ASIPM internal functions.
**Refer to the graph on next page.
***Fault output signalling is given only when the internal OC, SC, and UV protection circuits are activated. The OC, SC and UV protection (and fault output) operate for the lower arms only.
The OC and SC protection fault output is given in a pulse format while that of UV protection is maintained throughout the duration of the under-voltage condition.
**** T =
1
ln
RT
TO
RTO
•+
1
β
1
]
[


Similar Part No. - PS12033

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS12033 MITSUBISHI-PS12033 Datasheet
75Kb / 5P
   Acoustic noise-less 0.4kW/400V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
More results

Similar Description - PS12033

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS12032 POWEREX-PS12032 Datasheet
107Kb / 8P
   Intellimod??Module Application Specific IPM (5 Amperes/1200 Volts)
PS12038 POWEREX-PS12038 Datasheet
121Kb / 8P
   Intellimod??Module Application Specific IPM (25 Amperes/1200 Volts)
PS12036 POWEREX-PS12036 Datasheet
108Kb / 8P
   Intellimod??Module Application Specific IPM (15 Amperes/1200 Volts)
PS12034 POWEREX-PS12034 Datasheet
108Kb / 8P
   Intellimod??Module Application Specific IPM (10 Amperes/1200 Volts)
PS11032 POWEREX-PS11032 Datasheet
83Kb / 6P
   Intellimod??Module Application Specific IPM (4 Amperes/600 Volts)
PS11035 POWEREX-PS11035 Datasheet
83Kb / 6P
   Intellimod??Module Application Specific IPM (20 Amperes/600 Volts)
PS11034 POWEREX-PS11034 Datasheet
83Kb / 6P
   Intellimod??Module Application Specific IPM (15 Amperes/600 Volts)
PS11037 POWEREX-PS11037 Datasheet
89Kb / 6P
   Intellimod??Module Application Specific IPM (50 Amperes/600 Volts)
PS11033 POWEREX-PS11033 Datasheet
82Kb / 6P
   Intellimod??Module Application Specific IPM (8 Amperes/600 Volts)
PS11036 POWEREX-PS11036 Datasheet
90Kb / 6P
   Intellimod??Module Application Specific IPM (30 Amperes/600 Volts)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com