Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASD07H-12S9 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # ASD07H-12S9
Description  Isolated and Regulated 7 WATT Open Frame DC/DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASD07H-12S9 Datasheet(HTML) 1 Page - Astrodyne Corporation

  ASD07H-12S9 Datasheet HTML 1Page - Astrodyne Corporation ASD07H-12S9 Datasheet HTML 2Page - Astrodyne Corporation ASD07H-12S9 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Isolated and Regulated 7 WATT Open Frame DC/DC Converter
A S D 0 7 H series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Unit measures 1”W x 2”L x 0.375”H
Wide 4 : 1 Input Range
High Efficiency
Regulated Outputs
1500V Isolation
Integral Finned Heatsink
EN60950 & UL60950-1 Approved
Model Number
Output Voltage
Output Amps
Input Range
SINGLE OUTPUT
ASD07H-12S3
3.3 VDC
1.9
9-36VDC
ASD07H-48S3
1.9
18-75VDC
ASD07H-12S5
5 VDC
1.5
9-36VDC
ASD07H-48S5
1.5
18-75VDC
ASD07H-12S9
9 VDC
0.83
9-36VDC
ASD07H-48S9
0.83
18-75VDC
ASD07H-12S12
12 VDC
0.62
9-36VDC
ASD07H-48S12
0.62
18-75VDC
ASD07H-12S15
15 VDC
0.5
9-36VDC
ASD07H-48S15
0.5
18-75VDC
DUAL OUTPUT
ASD07H-12D5
+/-5 VDC
+/-0.75
9-36VDC
ASD07H-48D5
+/-0.75
18-75VDC
ASD07H-12D12
+/-12 VDC
+/-0.31
9-36VDC
ASD07H-48D12
+/-0.31
18-75VDC
ASD07H-12D15
+/-15 VDC
+/-0.25
9-36VDC
ASD07H-48D15
+/-0.25
18-75VDC
Order On-Line!
astrodyne.com


Similar Part No. - ASD07H-12S9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASD07H-12S9 ETC1-ASD07H-12S9 Datasheet
781Kb / 3P
   Isolated and Regulated 7 WATT Open Frame DC/DC Converter
logo
Astrodyne Corporation
ASD07H-12S9 ASTRODYNE-ASD07H-12S9 Datasheet
348Kb / 3P
   Isolated and Regulated 7 WATT Open Frame DC/DC Converter
More results

Similar Description - ASD07H-12S9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASD07H-12S3 ETC1-ASD07H-12S3 Datasheet
781Kb / 3P
   Isolated and Regulated 7 WATT Open Frame DC/DC Converter
logo
Astrodyne Corporation
ASD07H ASTRODYNE-ASD07H_16 Datasheet
348Kb / 3P
   Isolated and Regulated 7 WATT Open Frame DC/DC Converter
logo
List of Unclassifed Man...
ASD10H ETC2-ASD10H Datasheet
781Kb / 3P
   Isolated and Regulated 10 WATT Open Frame DC/DC Converter
logo
Astrodyne Corporation
ASD10H ASTRODYNE-ASD10H Datasheet
781Kb / 3P
   Isolated and Regulated 10 WATT Open Frame DC/DC Converter
ASD05H ASTRODYNE-ASD05H_16 Datasheet
348Kb / 3P
   Isolated and Regulated 5 WATT Open Frame DC/DC Converter
logo
List of Unclassifed Man...
ASD15H-12S3 ETC1-ASD15H-12S3 Datasheet
531Kb / 3P
   Isolated and Regulated 15 WATT Open Frame DC/DC Converter
logo
Astrodyne Corporation
ASD15H ASTRODYNE-ASD15H_16 Datasheet
300Kb / 3P
   Isolated and Regulated 15 WATT Open Frame DC/DC Converter
ASD15H ASTRODYNE-ASD15H Datasheet
531Kb / 3P
   Isolated and Regulated 15 WATT Open Frame DC/DC Converter
logo
List of Unclassifed Man...
ASD05H ETC2-ASD05H Datasheet
781Kb / 3P
   Isolated and Regulated 5 WATT Open Frame DC/DC Converter
logo
Astrodyne Corporation
ASD05H ASTRODYNE-ASD05H Datasheet
781Kb / 3P
   Isolated and Regulated 5 WATT Open Frame DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com