Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASD05H-12D15 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # ASD05H-12D15
Description  Isolated and Regulated 5 WATT Open Frame DC/DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASD05H-12D15 Datasheet(HTML) 2 Page - Astrodyne Corporation

  ASD05H-12D15 Datasheet HTML 1Page - Astrodyne Corporation ASD05H-12D15 Datasheet HTML 2Page - Astrodyne Corporation ASD05H-12D15 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Isolated and Regulated 5 WATT Open Frame DC/DC Converter
A S D 0 5 H series
INPUT SPECIFICATIONS
Input Voltage, Nominal
12VDC
48VDC
Input Voltage Ranges
9-36
18-75 VDC
Input Surge Voltage
50V (12V Models), *
100V (48V Models), *
10 mS duration, min.
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Preset Accuracy
Singles: +/- 1% max.
Duals: +/- 2% max.
Cross Regulation (Duals)
5-8% typ.
Load Regulation
singles: +/- 0.5%
20% - FL
duals: +/-1%, +/-3% (5V mod)
Line Regulation
singles: +/- 0.5%
duals: +/- 1%
Temperature Coefficient
+/-0.03%/°C
Ripple/Noise (Pk-Pk, typ)
Single 3.3V
100mV
Single 5, 9,12, 15V
50mV
Dual 5V
150mV (12Vin) 100mV (48Vin)
Dual 12, 15V
50mV
Overvoltage Protection
Clamp, 130-150% *
Short Circuit Protection
Continuous, self-recovering
GENERAL SPECIFICATIONS
On/Off Control
(Ref to - Input pin)
Logic “1”/Open=ON
Logic “0”/GND=OFF
Shutdown Idle Current
15mA
Input-Out Isolation
1500VDC (48V)
500 VDC (12V)
In/Out Capacitance
1000 pF
Efficiency
82%, typ
Switching Frequency
450Khz
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-25 to +71°C(FL)
Relative Humidity
0 to 95%, non-cond
Storage Temperature
-40 to +125°C *
Maximum Heatsink Temp
110°C *
Input Fusing
12V: 4A, 48V: 2A
MTBF
1,000,000 Hrs
Mil Std 217, 25°C
Shock/Vibration
To MIL-STD 810°C
Safety
EN60950
TUV File # B 02 10 22749 038
UL60950-1
UL File # E167432
PHYSICAL SPECIFICATIONS
Heatsink Material
Aluminum
Construction
Open Frame
Weight
0.57 oz, (16g)
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.


Similar Part No. - ASD05H-12D15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASD05H-12D15 ETC2-ASD05H-12D15 Datasheet
781Kb / 3P
   Isolated and Regulated 5 WATT Open Frame DC/DC Converter
logo
Astrodyne Corporation
ASD05H-12D15 ASTRODYNE-ASD05H-12D15 Datasheet
348Kb / 3P
   Isolated and Regulated 5 WATT Open Frame DC/DC Converter
More results

Similar Description - ASD05H-12D15

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASD05H ASTRODYNE-ASD05H_16 Datasheet
348Kb / 3P
   Isolated and Regulated 5 WATT Open Frame DC/DC Converter
logo
List of Unclassifed Man...
ASD05H ETC2-ASD05H Datasheet
781Kb / 3P
   Isolated and Regulated 5 WATT Open Frame DC/DC Converter
ASD10H ETC2-ASD10H Datasheet
781Kb / 3P
   Isolated and Regulated 10 WATT Open Frame DC/DC Converter
logo
Astrodyne Corporation
ASD07H ASTRODYNE-ASD07H Datasheet
781Kb / 3P
   Isolated and Regulated 7 WATT Open Frame DC/DC Converter
ASD10H ASTRODYNE-ASD10H Datasheet
781Kb / 3P
   Isolated and Regulated 10 WATT Open Frame DC/DC Converter
logo
List of Unclassifed Man...
ASD15H-12S3 ETC1-ASD15H-12S3 Datasheet
531Kb / 3P
   Isolated and Regulated 15 WATT Open Frame DC/DC Converter
logo
Astrodyne Corporation
ASD15H ASTRODYNE-ASD15H_16 Datasheet
300Kb / 3P
   Isolated and Regulated 15 WATT Open Frame DC/DC Converter
logo
List of Unclassifed Man...
ASD07H-12S3 ETC1-ASD07H-12S3 Datasheet
781Kb / 3P
   Isolated and Regulated 7 WATT Open Frame DC/DC Converter
logo
Astrodyne Corporation
ASD15H ASTRODYNE-ASD15H Datasheet
531Kb / 3P
   Isolated and Regulated 15 WATT Open Frame DC/DC Converter
ASD07H ASTRODYNE-ASD07H_16 Datasheet
348Kb / 3P
   Isolated and Regulated 7 WATT Open Frame DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com