Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA2160FNG Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TA2160FNG
Description  Low Consumption Current Stereo Headphone Amplifier (1.5/3 V use)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2160FNG Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TA2160FNG Datasheet HTML 6Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 7Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 8Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 9Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 10Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 11Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 12Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 13Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TA2160FNG
2004-05-11
10
(c) Sensitivity voltage of each switch (Ta = 25°C)
(3)
Ripple filter
It is necessary to connect a low saturation transistor (2SA1362 etc.) for ripple filter, because this IC
doesn’t have transistor for ripple filter. Care should be taken to stabilize the ripple filter circuit,
because the ripple filter circuit supplies internal circuit except power drive stage with power source.
(4)
Capacitor
Small temperature coefficient and excellent frequency characteristic is needed by capacitor below.
• Oscillation preventing capacitors for power amplifier output
• Capacitor between VREF and GND
• Capacitor between VCC and GND
• Capacitor between RF OUT and GND
Maximum Ratings (Ta
= 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
4.5
V
Output current
IO (peak)
100
mA
Power dissipation
PD (Note)
550
mW
Operating temperature
Topr
−25∼75
°C
Storage temperature
Tstg
−55∼150
°C
Note: Derated above Ta = 25°C in proportion of 4.4 mW/°C.
Supply voltage
VCC (V)
① BST SW, PW MUTE
Supply voltage
VCC (V)
② PRE MUTE
0
0
1
2
3
4
5
1
2
3
4
5
4.5 V
0.8 V
0.3 V
H
L
0
0
1
2
3
4
5
1
2
3
4
5
4.5 V
0.8 V
0.3 V
H
L
BST SW (V7)
PW MUTE (V12)
H level/open
BST ON
Power mute off
L level
BST OFF
Power mute on
PRE MUTE (V13)
H level
Pre mute on
L level
Pre mute off


Similar Part No. - TA2160FNG

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2160A TAI-SAW-TA2160A Datasheet
810Kb / 9P
   SAW Filter 1250MHz
logo
Transko Electronics, In...
TA2160AM TRANSKO-TA2160AM Datasheet
425Kb / 4P
   WCDMA, RF-Rx SAW Filter
Revision 0: June 2005
TA2160CM TRANSKO-TA2160CM Datasheet
343Kb / 3P
   Wireless, RF SAW Filter
Revision 0: September 2007
TA2160DM TRANSKO-TA2160DM Datasheet
449Kb / 4P
   Wireless, RF SAW Filter
Revision 0: October 2008
TA2160EM TRANSKO-TA2160EM Datasheet
426Kb / 4P
   Wireless, RF SAW Filter
Revision 0: October 2008
More results

Similar Description - TA2160FNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2152FLG TOSHIBA-TA2152FLG Datasheet
302Kb / 18P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2152FNG TOSHIBA-TA2152FNG Datasheet
276Kb / 16P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2145AFG TOSHIBA-TA2145AFG Datasheet
310Kb / 16P
   3 V Stereo Headphone Amplifier (3 V USE)
TA2120FNG TOSHIBA-TA2120FNG Datasheet
253Kb / 17P
   Low Consumption Current Stereo Headphone Power Amplifier for Portable CD (3V Use)
TA2002F TOSHIBA-TA2002F Datasheet
757Kb / 17P
   STEREO HEADPHONE AMPLIFIER (3V USE)
TA8119P TOSHIBA-TA8119P Datasheet
402Kb / 10P
   STEREO HEADPHONE AMPLIFIER (3V USE)
logo
Sanyo Semicon Device
LA4800V SANYO-LA4800V Datasheet
192Kb / 11P
   3 V Stereo Headphone Power Amplifier
logo
Toshiba Semiconductor
TA7688F TOSHIBA-TA7688F Datasheet
446Kb / 11P
   STEREO HEADPHONE AMPLIFIER (3V USE)
TA8145FN TOSHIBA-TA8145FN Datasheet
312Kb / 8P
   STEREO HEADPHONE AMPLIFIER (1.5V USE)
logo
Sanyo Semicon Device
LA4592W SANYO-LA4592W Datasheet
161Kb / 5P
   1.5-V Preamplifier Power Amplifier for Headphone Stereo Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com