Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASD07-12D5 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # ASD07-12D5
Description  Isolated and Regulated 7 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASD07-12D5 Datasheet(HTML) 2 Page - Astrodyne Corporation

  ASD07-12D5 Datasheet HTML 1Page - Astrodyne Corporation ASD07-12D5 Datasheet HTML 2Page - Astrodyne Corporation ASD07-12D5 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Isolated and Regulated 7 WATT Modular DC/DC Converters
a s d 0 7 series
300 Myles standish Blvd., Taunton, Ma 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.asTROdYNE.COM
INPUT sPECIFICaTIONs
Input Voltage, Nominal
12VDC
48VDC
Input Voltage Ranges
9-36
18-75 VDC
Input Surge Voltage
50V (12V Models), *
100V (48V Models), *
10 mS duration, min.
OUTPUT sPECIFICaTIONs
Voltage and Current
See Selection Chart
Preset Accuracy
Singles: +/- 1% max.
Duals: +/- 2% max.
Cross Regulation (Duals)
5-8% typ.
Load Regulation
singles: +/- 0.5%
20% - FL
duals: +/-1%, +/-3% (5V mod)
Line Regulation
singles: +/- 0.5%
duals: +/- 1%
Temperature Coefficient
+/-0.03%/°C
Ripple/Noise (Pk-Pk, typ)
Single 3V
150mV
Single 5V
100mV (12Vin), 150mV (48Vin)
Single 9,12V
50mV (12Vin), 100mV (48Vin)
Single 15V
50mV
Dual 5V
150mV
Dual 12, 15V
50mV
Overvoltage Protection
Clamp, 130-150% *
Short Circuit Protection
Continuous, self-recovering
GENERaL sPECIFICaTIONs
On/Off Control
(Ref to - Input pin)
Logic “1”/Open=ON
Logic “0”/GND=OFF
Shutdown Idle Current
15mA
Input-Out Isolation
1500VDC (48V)
500 VDC (12V)
In/Out Capacitance
1000 pF
Efficiency
82%, typ
Switching Frequency
450Khz
ENVIRONMENTaL sPECIFICaTIONs
Oper. Temperature
-25 to +71°C(FL)
Storage Temperature
-40 to +125°C *
Maximum Case Temp
110°C *
Input Fusing
12V: 4A, 48V: 2A
MTBF
1,000,000 Hrs
Mil Std 217, 25°C
Shock/Vibration
To MIL-STD 810°C
PHYsICaL sPECIFICaTIONs
Case Material
Aluminum
Construction
Fully Encapsulated
Weight
0.64 oz, (18g)
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.


Similar Part No. - ASD07-12D5

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASD07-12D5 ASTRODYNE-ASD07-12D5 Datasheet
356Kb / 3P
   ASD07-12S3Isolated and Regulated 7.5 WATT Modular DC/DC Converters
More results

Similar Description - ASD07-12D5

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD05 ASTRODYNE-ASD05_16 Datasheet
356Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
VKC03 ASTRODYNE-VKC03_16 Datasheet
143Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
FEC40 ASTRODYNE-FEC40_16 Datasheet
499Kb / 4P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30_16 Datasheet
189Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
FDC05 ASTRODYNE-FDC05_16 Datasheet
201Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com