Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASD35-5S5 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # ASD35-5S5
Description  5V Input 3 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASD35-5S5 Datasheet(HTML) 3 Page - Astrodyne Corporation

  ASD35-5S5 Datasheet HTML 1Page - Astrodyne Corporation ASD35-5S5 Datasheet HTML 2Page - Astrodyne Corporation ASD35-5S5 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
5V Input 3 WATT Modular DC/DC Converters
A S D 3 5 series
MECHANICAL DIMENSIONS
NOTE: Pin Size is 0.02” Inch (0.5mm) DIA
All Dimensions In Inches (mm)
Tolerance .xx = +/-0.02, .xxx = +/- 0.010
“M” Version
“H” Version
Pin #
Single
Dual
Single Dual
1
+Input
+Input
No Pin
No Pin
2
NC
-Output
-Input
-Input
3
NC
Common
-Input
-Input
9
No Pin
No Pin
NC
Common
10
-Output
Common
NC
NC
11
+Output
+Output
NC
-Output
12
-Input
-Input
No Pin
No Pin
13
-Input
-Input
No Pin
No Pin
14
+Output
+Output
+Output +Output
15
-Output
Common
NC
NC
16
No Pin
No Pin
-Output Common
22
NC
Common
+Input
+Input
23
NC
-Output
+Input
+Input
24
+Input
+Input
No Pin
No Pin
NC = No Connection with Pin


Similar Part No. - ASD35-5S5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASD35-5S5 ETC2-ASD35-5S5 Datasheet
521Kb / 3P
   5V Input 3 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
ASD35-5S5H ASTRODYNE-ASD35-5S5H Datasheet
230Kb / 3P
   5V Input 3 WATT Modular DC/DC Converters
ASD35-5S5M ASTRODYNE-ASD35-5S5M Datasheet
230Kb / 3P
   5V Input 3 WATT Modular DC/DC Converters
More results

Similar Description - ASD35-5S5

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASD35 ASTRODYNE-ASD35_16 Datasheet
230Kb / 3P
   5V Input 3 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
ASD35 ETC2-ASD35 Datasheet
521Kb / 3P
   5V Input 3 WATT Modular DC/DC Converters
logo
CINCON ELECTRONICS Corp...
EC3SA CINCON-EC3SA Datasheet
162Kb / 2P
   3 WATT WIDE INPUT DC-DC CONVERTERS
logo
RSG Electronic Componen...
EC3AB11 RSG-EC3AB11 Datasheet
766Kb / 1P
   3 WATT WIDE INPUT DC-DC CONVERTERS
EC3AW01 RSG-EC3AW01 Datasheet
940Kb / 1P
   3 WATT WIDE INPUT DC-DC CONVERTERS
EC3A01 RSG-EC3A01 Datasheet
671Kb / 1P
   3 WATT WIDE INPUT DC-DC CONVERTERS
logo
Astrodyne Corporation
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
VKC03 ASTRODYNE-VKC03_16 Datasheet
143Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
VKC03 ETC2-VKC03 Datasheet
272Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
ASD03 ASTRODYNE-ASD03 Datasheet
737Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com