Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AED18F48-6 Datasheet(PDF) 3 Page - Astec America, Inc

Part # AED18F48-6
Description  Single Output 16th Brick: 60Watts
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AED18F48-6 Datasheet(HTML) 3 Page - Astec America, Inc

  AED18F48-6 Datasheet HTML 1Page - Astec America, Inc AED18F48-6 Datasheet HTML 2Page - Astec America, Inc AED18F48-6 Datasheet HTML 3Page - Astec America, Inc AED18F48-6 Datasheet HTML 4Page - Astec America, Inc AED18F48-6 Datasheet HTML 5Page - Astec America, Inc AED18F48-6 Datasheet HTML 6Page - Astec America, Inc AED18F48-6 Datasheet HTML 7Page - Astec America, Inc AED18F48-6 Datasheet HTML 8Page - Astec America, Inc AED18F48-6 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Technical Reference Notes
ALD12/18/20/25 Series
(Single Output 16
th Brick)
MODEL: ALD12/18/20/25 SERIES
SHEET 3 OF 20
AUGUST 17, 2005 – REVISION C
Electrical Specifications (continued)
OUTPUT SPECIFICATIONS
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set point
VIN = VIN, MIN to VIN,MAX;
IO =IO,Max
5V0 (A)
3V3 (F)
2V5 (G)
1V8 (Y)
1V5 (M)
1V2 (K)
VO,SET
4.930
3.260
2.465
1.770
1.470
1.180
5.000
3.300
2.500
1.800
1.500
1.200
5.070
3.340
2.535
1.830
1.530
1.220
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Output Regulation
Line: VIN = VIN, Min to VIN, Max
Load: IO = IO, Min to IO, Max
Temperature: TA = -40 ºC to
+85ºC
All
All
All
-
-
-
-
-
-
0.1
0.1
0.3
0.4
0.4
0.8
%Vo
%Vo
%Vo
Ripple and Noise
3
Peak-to-Peak: (5Hz to 20MHz)
All
-
-
40
100
mVp-p
Output Current
5V0 (A)
3V3 (F)
2V5 (G)
1V8 (Y)
1V5 (M)
1V2 (K)
IO
0
0
0
0
0
0
-
-
-
-
-
-
12
18
20
25
25
25
A
External Load Capacitance
Capacitor ESR
All
-
-
4
-
-
10,000
-
µF
m
Output Current-limit Inception
VOUT = 90% VO,SET
(Autorecovery)
5V0 (A)
3V3 (F)
2V5 (G)
1V8 (Y)
1V5 (M)
1V2 (K)
IO
13.0
19.5
21.5
26.5
26.5
26.5
-
-
-
-
-
-
19
25
30
34
34
34
A
Over Voltage Range
(Autorecovery)
5V0 (A)
3V3 (F)
2V5 (G)
1V8 (Y)
1V5 (M)
1V2 (K)
5.9
3.9
3.0
2.1
1.8
1.4
6.2
4.1
3.2
2.4
2.1
1.6
6.9
4.9
3.9
2.9
2.5
2.1
V
Over Temperature Range
(AVG. PCB TEMP) - Auto recovery
All
110
-
120
°C
Efficiency
VIN = VIN-NOM
IO = IO,MAX
TA=25°C
5V0 (A)
3V3 (F)
2V5 (G)
1V8 (Y)
1V5 (M)
1V2 (K)
η
η
η
η
η
η
90.0
89.0
88.5
87.0
83.5
82.0
91.0
90.0
89.5
88.0
84.5
83.0
94.0
93.0
92.0
90.0
88.0
86.0
%
%
%
%
%
%


Similar Part No. - AED18F48-6

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
AED1000RE OHMITE-AED1000RE Datasheet
43Kb / 1P
   Epoxy Molded Precision Wirewound Axial Terminals
logo
XP Power Limited
AED100US12 XPPOWER-AED100US12 Datasheet
170Kb / 2P
   AC-DC Power Supplies
AED100US15 XPPOWER-AED100US15 Datasheet
170Kb / 2P
   AC-DC Power Supplies
AED100US18 XPPOWER-AED100US18 Datasheet
170Kb / 2P
   AC-DC Power Supplies
AED100US19 XPPOWER-AED100US19 Datasheet
170Kb / 2P
   AC-DC Power Supplies
More results

Similar Description - AED18F48-6

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPMGS-20 RECOM-RPMGS-20 Datasheet
965Kb / 7P
   20 Amp 16th Brick Open Frame Single Output
REV.: 0/2022
logo
Qualtek Electronics Cor...
QPD-60 QUALTEK-QPD-60 Datasheet
577Kb / 2P
   60Watts Single Output
QPD-60-5 QUALTEK-QPD-60-5 Datasheet
1Mb / 2P
   60Watts Single Output
QPS-60 QUALTEK-QPS-60 Datasheet
563Kb / 2P
   60Watts Single Output
logo
Bel Fuse Inc.
XRSB-80T03X BEL-XRSB-80T03X Datasheet
1Mb / 15P
   3.3 VDC / 25 A Output / 16th Brick Converter
logo
Emerson Network Power
ALD13B50 EMERSON-NETWORKPOWER-ALD13B50 Datasheet
578Kb / 3P
   1/16th Brick IBC Series
logo
Delta Electronics, Inc.
AMD-24V060WXYA DELTA-AMD-24V060WXYA Datasheet
881Kb / 5P
   60Watts Output Power
V36SE3R315NRFA DELTA-V36SE3R315NRFA Datasheet
448Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Delphi Series V36SE, 1/16th Brick DC/DC
V36SE DELTA-V36SE Datasheet
721Kb / 13P
   Industry standard 1/16th brick size & pinout
V36SE05010 DELTA-V36SE05010 Datasheet
721Kb / 13P
   Industry standard 1/16th brick size & pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com