Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AES60G24-198 Datasheet(PDF) 5 Page - Astec America, Inc

Part # AES60G24-198
Description  3-5.5Vdc Input, 1.2Vdc - 3.3Vdc Output 20W DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AES60G24-198 Datasheet(HTML) 5 Page - Astec America, Inc

  AES60G24-198 Datasheet HTML 1Page - Astec America, Inc AES60G24-198 Datasheet HTML 2Page - Astec America, Inc AES60G24-198 Datasheet HTML 3Page - Astec America, Inc AES60G24-198 Datasheet HTML 4Page - Astec America, Inc AES60G24-198 Datasheet HTML 5Page - Astec America, Inc AES60G24-198 Datasheet HTML 6Page - Astec America, Inc AES60G24-198 Datasheet HTML 7Page - Astec America, Inc AES60G24-198 Datasheet HTML 8Page - Astec America, Inc AES60G24-198 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
www.astec.com
A
A P
PA
A 0
0 6
6 N
N o
o n
n --IIs
s o
o lla
a tte
e d
d P
P o
o w
w e
e rr S
S IIP
P s
s
3
3 V
V --5
5 ..5
5 V
V IIn
n p
p u
u tt,, 1
1 ..2
2 V
V --3
3 ..3
3 V
V O
O u
u ttp
p u
u tt,, 9
9 --2
2 0
0 W
W O
O u
u ttp
p u
u tt
CNT Control
High = OFF
2.4
12
Vdc
Low = ON
-0.7
1.8
Vdc
Open circuit = ON
Control Current
1
mA
General Specifications
MTBF
7,000
k Hrs
Bellcore TR332, 25°C
Pin solder temperature
260
°C
wave solder < 10 s
Hand Soldering Time
5
s
iron temperature 425°C
Weight
7.5
grams
Ordering Information
APA06K04 ( E-6 )
3-5.5V
3.2A
1.5V
6A
78
APA06M04 ( E-6 )
3-5.5V
3.8A
1.5V
6A
81
APA06Y04 ( E-6 )
3-5.5V
4.4A
1.8V
6A
83
APA06D04 ( E-6 )
3-5.5V
5.0A
2.1V
6A
86
APA06G05 ( E-6 )
4.5-5.5V
3.9A
2.5V
6A
88
APA06F05 ( E-6 )
4.5-5.5V
5.1A
3.3V
6A
89
Input Characteristics
Input Voltage Range
3
4.5
5.5
Vdc
04SXVX
4.5
5
5.5
Vdc
05SXVX
Input Reflected Current (p-p)
4
6
%Iin
Shortcircuit Current
0.1
A
-5-
Characteristic
Min
Typ
Max
Units
Notes
Characteristic
Min
Typ
Max
Units
Notes
Model
Input
Rated Input
Output
Rated Output
Efficiency
Number
Voltage
Current
Voltage
Current
typ
Characteristic
Min
Typ
Max
Units
Notes


Similar Part No. - AES60G24-198

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AES60D_SERIES ARCH-AES60D_SERIES Datasheet
235Kb / 2P
   Universal Input: 85-265 VAC
AES60E ARCH-AES60E Datasheet
181Kb / 2P
   AC-DC Switching Power Supply
AES60E-12S ARCH-AES60E-12S Datasheet
181Kb / 2P
   AC-DC Switching Power Supply
AES60E-12S ARCH-AES60E-12S Datasheet
250Kb / 3P
   AC-DC Switching Power Supply
AES60E-15S ARCH-AES60E-15S Datasheet
181Kb / 2P
   AC-DC Switching Power Supply
More results

Similar Description - AES60G24-198

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U_10 Datasheet
423Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
SKA20 MEANWELL-SKA20 Datasheet
271Kb / 1P
   20W DC-DC Regulated Single Output Converter
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U Datasheet
409Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE3R306 DELTA-S24SE3R306 Datasheet
710Kb / 12P
   20W Single/Dual Output DC/DC Converter
logo
Mean Well Enterprises C...
SKA20 MEANWELL-SKA20_12 Datasheet
272Kb / 1P
   20W DC-DC Regulated Single Output Converter
logo
Chinfa Electronics Ind....
WDD20U CHINFA-WDD20U_16 Datasheet
348Kb / 5P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Lineage Power Corporati...
ATH016A0X3 LINEAGEPOWER-ATH016A0X3 Datasheet
568Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.3Vdc Output; 16A output current
logo
MORNSUN Science& Techno...
URE1D12LD-20WR3 MORNSUN-URE1D12LD-20WR3 Datasheet
3Mb / 8P
   20W, Ultra wide input, isolated & regulated Dual output, DC/DC converter
VRB121DLD-20WR3 MORNSUN-VRB121DLD-20WR3 Datasheet
3Mb / 9P
   20W,wide input isolated & regulated dual / single output DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com