Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA4107F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TA4107F
Description  1 GHz Band Down Converter Application
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA4107F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TA4107F Datasheet HTML 1Page - Toshiba Semiconductor TA4107F Datasheet HTML 2Page - Toshiba Semiconductor TA4107F Datasheet HTML 3Page - Toshiba Semiconductor TA4107F Datasheet HTML 4Page - Toshiba Semiconductor TA4107F Datasheet HTML 5Page - Toshiba Semiconductor TA4107F Datasheet HTML 6Page - Toshiba Semiconductor TA4107F Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TA4107F
2007-11-01
5
Application circuit for CATV/DTV (VSB) Tuner
Notice
The circuits and measurements contained in this document are given only in the context of as examples of
applications for these products.
Moreover, these example application circuits are not intended for mass production, since the high-frequency
characteristics (the AC characteristics) of these devices will be affected by the external components which the
customer uses, by the design of the circuit and by various other conditions.
It is the responsibility of the customer to design external circuits which correctly implement the intended
application, and to check the characteristics of the design.
TOSHIBA assume no responsibility for the integrity of customer circuit designs or applications.
1 nF
TA4107F
VCC: 4.5 V/32 mA
IF Amp.MT4S04
VCC: 5.0 V/32 mA
RFin
= 1400/1401 MHz/−20 dBmW
IFout
= 44/45MHz
Loin
= 1356 MHz/Pin = −5 dBmW
C.G.
= 18 dB
NF
= 12.5 dB (DSB)
IIP3
= + 12 dBmW
IP3out
= +30 dBmW
TA4107F
8
7
6
5
24
Ω
16 pF
10 nF
L3: 3.3
μH
24 pF
10 nF
IF Out
1
2
3
4
1 nF
Osc in
RF in
VCC = 4.5 V
MT4S04
1 nF


Similar Part No. - TA4107F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA4107F TOSHIBA-TA4107F Datasheet
102Kb / 7P
   Bipolar Linear Integrated Circuit Silicon Monolithic
More results

Similar Description - TA4107F

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFDIP1608060LST WALSIN-RFDIP1608060LST Datasheet
598Kb / 7P
   2.4 GHz & 5 GHz Band RF Application
logo
Toshiba Semiconductor
TA4103F TOSHIBA-TA4103F Datasheet
148Kb / 4P
   1.9GHz BAND UP CONVERTER APPLICATION
logo
WALSIN TECHNOLOGY CORPO...
RFBPF2012080AF8Q1C WALSIN-RFBPF2012080AF8Q1C Datasheet
567Kb / 7P
   2.4 GHz ISM Band RF Application
RFLPF2012090K0T WALSIN-RFLPF2012090K0T Datasheet
581Kb / 7P
   5 GHz ISM Band RF Application
RFLPF1005040A27B1U WALSIN-RFLPF1005040A27B1U Datasheet
539Kb / 7P
   2.4 GHz ISM Band RF Application
RFBPB1510060A0T WALSIN-RFBPB1510060A0T Datasheet
650Kb / 7P
   2.4 GHz ISM Band RF Application
RFBLN1608050AAT WALSIN-RFBLN1608050AAT Datasheet
355Kb / 7P
   2.4 GHz ISM Band RF Application
RFBLN1608050AGT WALSIN-RFBLN1608050AGT Datasheet
623Kb / 7P
   2.4 GHz ISM Band RF Application
RFBPF2008A15T WALSIN-RFBPF2008A15T Datasheet
611Kb / 7P
   2.4 GHz ISM Band RF Application
RFBPF2009A26T WALSIN-RFBPF2009A26T Datasheet
591Kb / 7P
   2.4 GHz ISM Band RF Application
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com