Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA7279AP Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TA7279AP
Description  Dual-Bridge Drivers (for Switching between Forward and Reverse Rotation) for DC Motors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7279AP Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TA7279AP Datasheet HTML 4Page - Toshiba Semiconductor TA7279AP Datasheet HTML 5Page - Toshiba Semiconductor TA7279AP Datasheet HTML 6Page - Toshiba Semiconductor TA7279AP Datasheet HTML 7Page - Toshiba Semiconductor TA7279AP Datasheet HTML 8Page - Toshiba Semiconductor TA7279AP Datasheet HTML 9Page - Toshiba Semiconductor TA7279AP Datasheet HTML 10Page - Toshiba Semiconductor TA7279AP Datasheet HTML 11Page - Toshiba Semiconductor TA7279AP Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TA7279P/AP
2006-3-2
8
Application Circuit
Problems may result if a capacitor is inserted in parallel to the motor.
If measures against noise are necessary, connect capacitors as shown in the diagram below.
A larger bypass capacitor between VCC and GND is effective against noise and other problems.
(A capacitance higher than 100 µF is recommended.)
Note 1: Be sure to connect the VS pins (pins 5 and 10) directly to each other.
Note 2: Utmost care is necessary in the design of the output, VCC, VM, and GND lines since the IC may be destroyed
by short-circuiting between outputs, air contamination faults, or faults due to improper grounding, or by
short-circuiting between contiguous pins.
Note 3: When turning on the power for the ICs, apply VS after VCC (or VCC and VS simultaneously). When shutting
off the power, drop VS before VCC (or VS and VCC simultaneously).
When turning on the power (VCC), keep both the inputs (IN1 and IN2) on a low level.


Similar Part No. - TA7279AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7279AP TOSHIBA-TA7279AP Datasheet
265Kb / 8P
   DUAL BRIDGE DRIVER
More results

Similar Description - TA7279AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7288P TOSHIBA-TA7288P_07 Datasheet
308Kb / 12P
   Sequential Dual-Bridge Driver (Driver for Switching between Forward and Reverse Rotation) for DC Motor
TA8440H TOSHIBA-TA8440H Datasheet
261Kb / 9P
   Full-bridge Driver (H-Switch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
TA7267P TOSHIBA-TA7267P Datasheet
398Kb / 13P
   Full-Bridge Driver (H-Swithch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
2006-3-2
TA7267BP TOSHIBA-TA7267BP_07 Datasheet
309Kb / 13P
   Full-Bridge Driver (H-Swithch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
TA7291AP TOSHIBA-TA7291AP Datasheet
311Kb / 14P
   Full-Bridge Driver for DC Motors (driver for controlling the forward and reverse rotations)
logo
Rohm
BD6212FP ROHM-BD6212FP_13 Datasheet
659Kb / 8P
   H-Bridge Motor Drivers For DC Brush Motors
logo
Toshiba Semiconductor
TB6552FN TOSHIBA-TB6552FN_07 Datasheet
238Kb / 14P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
TB6552FN TOSHIBA-TB6552FN Datasheet
231Kb / 12P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
TC78H600FNG TOSHIBA-TC78H600FNG Datasheet
482Kb / 23P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
2012-09-05
logo
Allegro MicroSystems
3625 ALLEGRO-3625 Datasheet
145Kb / 8P
   POWERHALL SENSOR/DRIVERS FOR BRUSHLESS DC MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com