Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRP-480S Datasheet(PDF) 4 Page - Astrodyne Corporation

Part # DRP-480S
Description  480W Single Output Industrial DIN RAIL with PFC Function(PFC function for DRP-480 only)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

DRP-480S Datasheet(HTML) 4 Page - Astrodyne Corporation

  DRP-480S Datasheet HTML 1Page - Astrodyne Corporation DRP-480S Datasheet HTML 2Page - Astrodyne Corporation DRP-480S Datasheet HTML 3Page - Astrodyne Corporation DRP-480S Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
d r p - 4 8 0 s series
480W Single Output DIN RAIL with PFC Function
300 Myles standish Blvd., Taunton, MA 02780
ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AsTrOdYNE.COM
Mechanical�Specification
Derating�Curve
Output�Derating�VS�Input�Voltage
File�Name:DRP-480S-SPEC���2005-09-06
Case�No.930������Unit:mm
AMBIENT�TEMPERATURE�(
)
INPUT�VOLTAGE�(V)�60Hz
90
180
100
180�~�264VAC
90�~�132VAC
190
115
230
132
264
100
90
80
70
60
50
40
-20
0
10
20
30
40
50
60
70�(VERTICAL)
20
40
60
80
100
TB1 Terminal�Pin.�No Assignment
TB2 Terminal�Pin.�No Assignment
Pin�No.
Pin�No.
1
1,2
3
2
3,4
Assignment
Assignment
FG
AC/N(DC-)
AC/L(DC+)
DC�OUTPUT +V
DC�OUTPUT -V
35
ADMISSIBLE�DIN-RAIL:TS35/7.5�OR TS35/15
227
3
1
2
3
4
+V ADJ.
2 1
100
10 6
230VAC
115VAC
TB1
LED
TB2
480W�Single�Output�DIN�RAIL with�PFC�Function
D R P - 4 8 0 S series


Similar Part No. - DRP-480S

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DRP-480S MEANWELL-DRP-480S Datasheet
149Kb / 2P
   480W Single Output DIN RAIL with PFC Function
DRP-480S MEANWELL-DRP-480S Datasheet
159Kb / 2P
   480W Single Output DIN RAIL with PFC Function
logo
Total Power Internation...
DRP-480S TOTAL-POWER-DRP-480S Datasheet
227Kb / 2P
   480W Single Output DIN RAIL with PFC Function
logo
Mean Well Enterprises C...
DRP-480S-24 MEANWELL-DRP-480S-24 Datasheet
149Kb / 2P
   480W Single Output DIN RAIL with PFC Function
DRP-480S-24 MEANWELL-DRP-480S-24 Datasheet
159Kb / 2P
   480W Single Output DIN RAIL with PFC Function
More results

Similar Description - DRP-480S

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
DRP-480 TOTAL-POWER-DRP-480 Datasheet
227Kb / 2P
   480W Single Output Industrial DIN RAIL with PFC Function
SDR-480 TOTAL-POWER-SDR-480 Datasheet
323Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC Function
logo
Mean Well Enterprises C...
SDR-480 MEANWELL-SDR-480_10 Datasheet
424Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC Function
SDR-480 MEANWELL-SDR-480_11 Datasheet
424Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC Function
DRP-480 MEANWELL-DRP-480_09 Datasheet
160Kb / 2P
   480W Single Output Industrial DIN RAIL with PFC Function
DRP-480 MEANWELL-DRP-480 Datasheet
151Kb / 2P
   480W Single Output Industrial DIN RAIL with PFC Function
DRP-480 MEANWELL-DRP-480_11 Datasheet
160Kb / 2P
   480W Single Output Industrial DIN RAIL with PFC Function
logo
Total Power Internation...
DRP-480S TOTAL-POWER-DRP-480S Datasheet
227Kb / 2P
   480W Single Output DIN RAIL with PFC Function
logo
Mean Well Enterprises C...
DRP-480S MEANWELL-DRP-480S Datasheet
149Kb / 2P
   480W Single Output DIN RAIL with PFC Function
DRP-480S MEANWELL-DRP-480S_09 Datasheet
159Kb / 2P
   480W Single Output DIN RAIL with PFC Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com