Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC10-48S05 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # FDC10-48S05
Description  Isolated and Regulated 10 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

FDC10-48S05 Datasheet(HTML) 1 Page - Astrodyne Corporation

  FDC10-48S05 Datasheet HTML 1Page - Astrodyne Corporation FDC10-48S05 Datasheet HTML 2Page - Astrodyne Corporation FDC10-48S05 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Isolated and Regulated 10 WATT Modular DC/DC Converters
F D C 1 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Wide 2 : 1 Input Range
High Efficiency
Regulated Outputs
1600V Isolation
Full EMI Shielding
Standard Pinouts
Model Number
Output Voltage
Output Amps
Input Range
SINGLE OUTPUT
FDC10-12S33
3.3 VDC
2
9-18 VDC
FDC10-24S33
2
18-36 VDC
FDC10-48S33
2
36-72 VDC
FDC10-12S05
5 VDC
2
9-18 VDC
FDC10-24S05
2
18-36 VDC
FDC10-48S05
2
36-72 VDC
FDC10-12S12
12 VDC
0.83
9-18 VDC
FDC10-24S12
0.83
18-36 VDC
FDC10-48S12
0.83
36-72 VDC
FDC10-12S15
15 VDC
0.67
9-18 VDC
FDC10-24S15
0.67
18-36 VDC
FDC10-48S15
0.67
36-72 VDC
DUAL OUTPUT
FDC10-12D05
+/-5 VDC
+/-1
9-18 VDC
FDC10-24D05
+/-1
18-36 VDC
FDC10-48D05
+/-1
36-72 VDC
FDC10-12D12
+/-12 VDC
+/-0.416
9-18 VDC
FDC10-24D12
+/-0.416
18-36 VDC
FDC10-48D12
+/-0.416
36-72 VDC
FDC10-12D15
+/-15 VDC
+/-0.333
9-18 VDC
FDC10-24D15
+/-0.333
18-36 VDC
FDC10-48D15
+/-0.333
36-72 VDC
Unit measures 1”W x 2”L x 0.375”H
Order On-Line!
astrodyne.com


Similar Part No. - FDC10-48S05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDC10-48S05 ETC1-FDC10-48S05 Datasheet
98Kb / 2P
   10 watts of output power from a 2 x 1 x 0.4 inch package
logo
Power Mate Technology C...
FDC10-48S05 P-DUKE-FDC10-48S05 Datasheet
341Kb / 3P
   10 WATTS OUTPUT POWER
FDC10-48S05 P-DUKE-FDC10-48S05 Datasheet
425Kb / 3P
   10 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FDC10-48S05 ASTRODYNE-FDC10-48S05 Datasheet
206Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
FDC10-48S05W ETC1-FDC10-48S05W Datasheet
98Kb / 2P
   10 watts of output power from a 2 x 1 x 0.4 inch package
More results

Similar Description - FDC10-48S05

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
FDC10 ASTRODYNE-FDC10_16 Datasheet
206Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
ST10 ASTRODYNE-ST10 Datasheet
849Kb / 3P
   Isolated and Regulated 10 Watt Modular DC/DC Converters
ASD10 ASTRODYNE-ASD10 Datasheet
411Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
ASD10 ASTRODYNE-ASD10_16 Datasheet
355Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
ST10 ASTRODYNE-ST10_16 Datasheet
262Kb / 3P
   Isolated and Regulated 10 Watt Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com