Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPP-150-27 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # LPP-150-27
Description  150W Single Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

LPP-150-27 Datasheet(HTML) 2 Page - Astrodyne Corporation

  LPP-150-27 Datasheet HTML 1Page - Astrodyne Corporation LPP-150-27 Datasheet HTML 2Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
l p p - 1 5 0 series
150W Single Output with PFC Function
300 Myles Standish Blvd., Taunton, MA 02780
ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Block�Diagram
Mechanical�Specification
Derating�Curve
Output�Derating�VS�Input�Voltage
File�Name:LPP-150-SPEC���2005-09-13
Unit:mm
PFC�fosc�:�67KHz
PWM�fosc�:�134KHz
AMBIENT�TEMPERATURE�(
)
INPUT�VOLTAGE�(V)�60Hz
85
100
115
135
155
230
264
100
90
80
70
60
50
40
-10
0
10
20
30
40
50
60
70
20
40
60
80
100
With�NO�FAN
3.3V�~�7.5V�Under�100VAC�With�No�FAN
Must�derating�to�60%�load
With�18CFM�FAN
DC�Output�Connector�(CN2)�:�JST B6P-VH*2�or�equivalent
Pin�No.
1~6
7~12
Assignment
-V
+V
Mating�Housing
JST VHR
or�equivalent
Terminal
JST SVH-21T-P1.1
or�equivalent
AC�Input�Connector�(CN1)�:�JST B5P-VH�or�equivalent
Pin�No.
1
3
5
2,4
Assignment
AC/L
AC/N
FG
No�Pin
Mating�Housing
JST VHR
JST SVH-21T-P1.1
or�equivalent
or�equivalent
Terminal
COSTANT CURRENT
LIMITING�&
PWM�&�PFC
CIRCUIT
DETECTION
O.L.P.
EMI�FILTER
RECTIFIERS
CIRCUIT
CIRCUIT
START
POWER
SWITCH-
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
ING
CONTROL
O.V.P.
&
PFC
ACTIVE
12
CN2
1
222
212
3
4
1
2
CN1
5
5
+V ADJ.
150W�Single�Output�with�PFC�Function
L P P - 1 5 0 series


Similar Part No. - LPP-150-27

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPP-150-27 MEANWELL-LPP-150-27 Datasheet
284Kb / 2P
   150W Single Output with PFC Function
logo
XP Power Limited
LPP-150-27 XPPOWER-LPP-150-27 Datasheet
614Kb / 4P
   100W Single Output with PFC Function
logo
Tumbler Technologies + ...
LPP-150-27 TRUMPOWER-LPP-150-27 Datasheet
369Kb / 2P
   Single Output Switching Power Supplies With PFC
logo
Mean Well Enterprises C...
LPP-150-27 MEANWELL-LPP-150-27 Datasheet
287Kb / 2P
   150W Single Output with PFC Function
LPP-150-27 MEANWELL-LPP-150-27 Datasheet
287Kb / 2P
   150W Single Output with PFC Function L
More results

Similar Description - LPP-150-27

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSP-150 MEANWELL-RSP-150 Datasheet
146Kb / 2P
   150W Single Output with PFC Function
HSP-150 MEANWELL-HSP-150 Datasheet
89Kb / 2P
   150W Single Output with PFC Function
HRPG-150 MEANWELL-HRPG-150_11 Datasheet
354Kb / 3P
   150W Single Output with PFC Function
ASP-150 MEANWELL-ASP-150_11 Datasheet
281Kb / 2P
   150W Single Output with PFC Function
logo
Astrodyne Corporation
SP150DRL ASTRODYNE-SP150DRL Datasheet
426Kb / 5P
   150W Single Output with PFC Function
logo
Mean Well Enterprises C...
ASP-150 MEANWELL-ASP-150_10 Datasheet
282Kb / 2P
   150W Single Output with PFC Function
EPP-150 MEANWELL-EPP-150_13 Datasheet
1Mb / 3P
   150W SINGLE OUTPUT WITH PFC FUNCTION
SPB-150 MEANWELL-SPB-150_11 Datasheet
341Kb / 3P
   150W Single Output with PFC Function
LPP-150 MEANWELL-LPP-150 Datasheet
284Kb / 2P
   150W Single Output with PFC Function
HRPG-150 MEANWELL-HRPG-150 Datasheet
583Kb / 3P
   150W Single Output with PFC Function
logo
Astrodyne Corporation
LPP150 ASTRODYNE-LPP150 Datasheet
344Kb / 4P
   150W Single Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com