Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK150S-15 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # MK150S-15
Description  Compact 150 Watt Enclosed Switching Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MK150S-15 Datasheet(HTML) 1 Page - Astrodyne Corporation

  MK150S-15 Datasheet HTML 1Page - Astrodyne Corporation MK150S-15 Datasheet HTML 2Page - Astrodyne Corporation MK150S-15 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Compact 150 Watt Enclosed Switching Power Supplies
m k 1 5 0 s series
300 myles standish Blvd., Taunton, mA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AsTRODYNE.COm
Universal 88-264VAC Auto Range Input
Compact Footprint
High Efficiency
Regulated Outputs
3000V Isolation
Built in EMI Filter
model Number
Output Voltage
Output Amps (max) Ripple/Noise pp,typ
MK150S-5
5 VDC
30
100mv
MK150S-12
12 VDC
12.5
100mv
MK150S-15
15 VDC
10
100mv
MK150S-24
24 VDC
6
100mv
3.5”W x 6”L x 1.75”H
Order On-Line!
astrodyne.com


Similar Part No. - MK150S-15

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MK150S-15 ASTRODYNE-MK150S-15 Datasheet
258Kb / 4P
   Compact 150 Watt Enclosed Switching Power Supplies
More results

Similar Description - MK150S-15

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MK150 ASTRODYNE-MK150 Datasheet
258Kb / 4P
   Compact 150 Watt Enclosed Switching Power Supplies
US150 ASTRODYNE-US150_16 Datasheet
162Kb / 3P
   Enclosed 150 Watt Switching Power Supplies
US150 ASTRODYNE-US150 Datasheet
592Kb / 3P
   Enclosed 150 Watt Switching Power Supplies
MK320S ASTRODYNE-MK320S Datasheet
615Kb / 3P
   Compact 300 Watt Enclosed Switching Power Supplies
PV15 ASTRODYNE-PV15 Datasheet
471Kb / 3P
   Compact 15 Watt Enclosed Switching Power Supplies
MK40S ASTRODYNE-MK40S Datasheet
675Kb / 3P
   Compact 40 Watt Enclosed Switching Power Supplies
PV15 ASTRODYNE-PV15_16 Datasheet
371Kb / 3P
   Compact 15 Watt Enclosed Switching Power Supplies
MK75S ASTRODYNE-MK75S Datasheet
728Kb / 3P
   Compact 75 Watt Enclosed Switching Power Supplies
MMK150S ASTRODYNE-MMK150S Datasheet
580Kb / 3P
   Medical Grade 150 Watt Enclosed Switching Power Supplies
logo
Tumbler Technologies + ...
PU150 TRUMPOWER-PU150 Datasheet
158Kb / 3P
   150 WATT SWITCHING POWER SUPPLIES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com