Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSCC-0303 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # MSCC-0303
Description  30W Ultraminiature Modular Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MSCC-0303 Datasheet(HTML) 2 Page - Astrodyne Corporation

  MSCC-0303 Datasheet HTML 1Page - Astrodyne Corporation MSCC-0303 Datasheet HTML 2Page - Astrodyne Corporation MSCC-0303 Datasheet HTML 3Page - Astrodyne Corporation MSCC-0303 Datasheet HTML 4Page - Astrodyne Corporation MSCC-0303 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
30W Ultraminiature Modular Switching Power Supplies
M C A - 3 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Model Number
Output Voltage
Output Amps
Output Watts
DUAL OUTPUT - PCB Mount
MDCA-0306
+/-12 VDC
+/-1.25
30W
MDCA-0307
+/-15 VDC
+/-1
30W
MDCA-0308
+5/12 VDC
3/1.25
30W
DUAL OUTPUT - Chassis Mount
MDCC-0306
+/-12 VDC
+/-1.25
30W
MDCC-0307
+/-15 VDC
+/-1
30W
MDCC-0308
+5/12 VDC
3/1.25
30W
DUAL OUTPUT - DIN Rail Mount
MDCC-0306/DRL
+/-12 VDC
+/-1.25
30W
MDCC-0307/DRL
+/-15 VDC
+/-1
30W
MDCC-0308/DRL
+5/12 VDC
3/1.25
30W
TRIPLE OUTPUT - PCB Mount
MTCA-0309
+5,+/-12 VDC
3,0.63/0.63
30W
MTCA-0311
+5,+/-15 VDC
3,0.5/0.5
30W
TRIPLE OUTPUT - Chassis Mount
MTCC-0309
+5,+/-12 VDC
3,0.63/0.63
30W
MTCC-0311
+5,+/-15 VDC
3,0.5/0.5
30W
TRIPLE OUTPUT - DIN Rail Mount
MTCC-0309/DRL
+5,+/-12 VDC
3,0.63/0.63
30W
MTCC-0311/DRL
+5,+/-15 VDC
3,0.5/0.5
30W
PCB Single O/P - 3.5”L x 2.5”W x 0.98”H,
Multi O/P - 4.06”L x 2.5”W x 0.98”H
Chassis 4.76”L x 2.56”W x 1.0”H
Order On-Line!
astrodyne.com
Single / Dual / Triple Outputs
Universal 85VAC to 265VAC Input
3.3VDC to 24VDC Outputs
3,000VAC Input to Output Isolation
PCB and Chassis Mount Packages
Full Safety Approvals
Fully Approved
UL/CSA22.2 60950-1 File# E167432
EN60950 File# B021022749041
IEC60950-1 File# DE353936


Similar Part No. - MSCC-0303

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MSCC-0100 ASTRODYNE-MSCC-0100 Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
MSCC-0100DRL ASTRODYNE-MSCC-0100DRL Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
MSCC-0101 ASTRODYNE-MSCC-0101 Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
MSCC-0101DRL ASTRODYNE-MSCC-0101DRL Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
MSCC-0102 ASTRODYNE-MSCC-0102 Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
More results

Similar Description - MSCC-0303

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ECA30 ASTRODYNE-ECA30 Datasheet
424Kb / 6P
   30W Ultraminiature Encapsulated Switching Power Supplies
MMA-30 ASTRODYNE-MMA-30 Datasheet
1Mb / 5P
   30W Medical Grade Ultraminiature Switching Power Supplies
EFM30 ASTRODYNE-EFM30 Datasheet
563Kb / 5P
   30W Ultraminiature Open Frame Switching Power Supplies
MCA-15 ASTRODYNE-MCA-15 Datasheet
1Mb / 5P
   15W Ultraminiature Modular Switching Power Supplies
logo
List of Unclassifed Man...
MCA-15 ETC2-MCA-15 Datasheet
1Mb / 5P
   15W Ultraminiature Modular Switching Power Supplies
logo
Astrodyne Corporation
MCA-5 ASTRODYNE-MCA-5 Datasheet
1Mb / 5P
   5W Ultraminiature Modular Switching Power Supplies
MCA-10 ASTRODYNE-MCA-10 Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
MCA10 ASTRODYNE-MCA10 Datasheet
1,000Kb / 6P
   10W Ultraminiature Modular Switching Power Supplies
MCA5 ASTRODYNE-MCA5 Datasheet
496Kb / 6P
   5W Ultraminiature Modular Switching Power Supplies
APC ASTRODYNE-APC Datasheet
247Kb / 3P
   5 Watt Ultraminiature Modular Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com