Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSCC-1503 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # MSCC-1503
Description  15W Ultraminiature Modular Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MSCC-1503 Datasheet(HTML) 1 Page - Astrodyne Corporation

  MSCC-1503 Datasheet HTML 1Page - Astrodyne Corporation MSCC-1503 Datasheet HTML 2Page - Astrodyne Corporation MSCC-1503 Datasheet HTML 3Page - Astrodyne Corporation MSCC-1503 Datasheet HTML 4Page - Astrodyne Corporation MSCC-1503 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
15W Ultraminiature Modular Switching Power Supplies
M C A - 1 5 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Model Number
Output Voltage
Output Amps
Output Watts
SINGLE OUTPUT - PCB Mount
MSCA-1500
3.3 VDC
3.5
12W
MSCA-1501
5 VDC
3
15W
MSCA-1504
9 VDC
1.66
15W
MSCA-1502
12 VDC
1.25
15W
MSCA-1503
15 VDC
1
15W
MSCA-1505
24 VDC
0.63
15W
SINGLE OUTPUT - Chassis Mount
MSCC-1500
3.3 VDC
3.5
12W
MSCC-1501
5 VDC
3
15W
MSCC-1504
9 VDC
1.66
15W
MSCC-1502
12 VDC
1.25
15W
MSCC-1503
15 VDC
1
15W
MSCC-1505
24 VDC
0.63
15W
SINGLE OUTPUT - DIN Rail Mount
MSCC-1500/DRL
3.3 VDC
3.5
12W
MSCC-1501/DRL
5 VDC
3
15W
MSCC-1504/DRL
9 VDC
1.66
15W
MSCC-1502/DRL
12 VDC
1.25
15W
MSCC-1503/DRL
15 VDC
1
15W
PCB 2.75”L x 1.89”W x 0.93”H
Chassis 3.96”L x 2.16”W x 1.0”H
Order On-Line!
astrodyne.com
Single / Dual / Triple Outputs
Universal 85VAC to 265VAC Input
3.3VDC to 24VDC Outputs
3,000VAC Input to Output Isolation
PCB and Chassis Mount Packages
Full Safety Approvals
Fully Approved
UL/CSA22.2 60950-1 File# E167432
EN60950 File# B021022749034
IEC60950-1 File# DE354012


Similar Part No. - MSCC-1503

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSCC-1503 ETC2-MSCC-1503 Datasheet
1Mb / 5P
   15W Ultraminiature Modular Switching Power Supplies
MSCC-1503DRL ETC2-MSCC-1503DRL Datasheet
1Mb / 5P
   15W Ultraminiature Modular Switching Power Supplies
More results

Similar Description - MSCC-1503

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCA-15 ETC2-MCA-15 Datasheet
1Mb / 5P
   15W Ultraminiature Modular Switching Power Supplies
logo
Astrodyne Corporation
ECA-15 ASTRODYNE-ECA-15 Datasheet
763Kb / 5P
   15W Ultraminiature Encapsulated Switching Power Supplies
EFM15 ASTRODYNE-EFM15 Datasheet
566Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
OFM15 ASTRODYNE-OFM15 Datasheet
654Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
MMA-15 ASTRODYNE-MMA-15 Datasheet
1Mb / 5P
   15W Medical Grade Ultraminiature Switching Power Supplies
ASM15 ASTRODYNE-ASM15 Datasheet
753Kb / 3P
   15W Ultraminiature Medical Grade Switching Power Supplies
MCA-5 ASTRODYNE-MCA-5 Datasheet
1Mb / 5P
   5W Ultraminiature Modular Switching Power Supplies
MCA-10 ASTRODYNE-MCA-10 Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
MCA-30 ASTRODYNE-MCA-30 Datasheet
1Mb / 5P
   30W Ultraminiature Modular Switching Power Supplies
MCA10 ASTRODYNE-MCA10 Datasheet
1,000Kb / 6P
   10W Ultraminiature Modular Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com