Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSMA-0302 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # MSMA-0302
Description  30W Medical Grade Ultraminiature Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MSMA-0302 Datasheet(HTML) 3 Page - Astrodyne Corporation

  MSMA-0302 Datasheet HTML 1Page - Astrodyne Corporation MSMA-0302 Datasheet HTML 2Page - Astrodyne Corporation MSMA-0302 Datasheet HTML 3Page - Astrodyne Corporation MSMA-0302 Datasheet HTML 4Page - Astrodyne Corporation MSMA-0302 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
30W Medical Grade Ultraminiature Switching Power Supplies
M M A - 3 0 series
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.
PERFORMANCE CURVES
100
90
70
50
40
30
20
10
80
60
0
0
10
20
30
40
50
60
70
-10
Ambient Temp., DegC
90
60
50
80
70
40
25
50
75
100
10
% of Full Load
INPUT SPECIFICATIONS
Input Voltage, Nominal
85-265VAC
Nominal: 100-240VAC
Input Frequency
47-440 Hz, 50-60Hz Nom.
Inrush Current
20A @ 100VAC, typ
40A @ 200VAC, typ
OUTPUT SPECIFICATIONS
Output Voltage/Current
See Specific Model
Initial Accuracy
+/-1%, adjustable
Voltage Adjust
+/-6%, typ
Load Regulation
+/-0.3%, typ
Line Regulation
+/-0.3%, typ
Temperature Coefficient
+/-0.03%/°C
Ripple/Noise(20Mhz BW)
150mV Pk-Pk, typ
Overvoltage Protection
Clamp, 130-150% *
Hold Up Time
30mS, typ
Short Circuit Protection
Continuous, self-recovering *
Current Limit
130% typ, Self-Reset Foldback
GENERAL SPECIFICATIONS
On/Off Control
Open Collector
Logic “1”/Open=ON
Logic “0”/GND=OFF
Input-Out Isolation
4000VAC
Output-Ground Isolation
1000VAC
Input-Ground Isolation
2500VAC
Operating Frequency
140 Khz, fixed
Efficiency (@ Full Load)
75 - 80%, typ
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
0 to +50°C FL See Derate *
(Free-air Convection)
Relative Humidity
0-95%, Non-Condensing
Storage Temperature
-25 to +71°C *
MTBF, Single/Multi Output
180,000 Hrs/110,000 Hrs
Mil Std 217, 25C
PHYSICAL SPECIFICATIONS
Case Material
Rynite, 94V-0 Rated
Construction
Encapsulated, Soft Pot
Weight
PCB / CHA
Singles
10.4 oz (292g) / 13.4 oz (376g)
Duals/Triples
12.1 oz (340g) / 15.4 oz (430g)


Similar Part No. - MSMA-0302

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MSMA-0100 ASTRODYNE-MSMA-0100 Datasheet
934Kb / 5P
   10W Medical Grade Ultraminiature Switching Power Supplies
MSMA-0101 ASTRODYNE-MSMA-0101 Datasheet
934Kb / 5P
   10W Medical Grade Ultraminiature Switching Power Supplies
MSMA-0102 ASTRODYNE-MSMA-0102 Datasheet
934Kb / 5P
   10W Medical Grade Ultraminiature Switching Power Supplies
MSMA-0103 ASTRODYNE-MSMA-0103 Datasheet
934Kb / 5P
   10W Medical Grade Ultraminiature Switching Power Supplies
MSMA-0104 ASTRODYNE-MSMA-0104 Datasheet
934Kb / 5P
   10W Medical Grade Ultraminiature Switching Power Supplies
More results

Similar Description - MSMA-0302

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AHP3201 ASTRODYNE-AHP3201 Datasheet
652Kb / 5P
   30W Medical Grade Switching Power Supplies
ASM15 ASTRODYNE-ASM15 Datasheet
753Kb / 3P
   15W Ultraminiature Medical Grade Switching Power Supplies
ASM10 ASTRODYNE-ASM10_16 Datasheet
702Kb / 3P
   10W Ultraminiature Medical Grade Switching Power Supplies
MMA-5 ASTRODYNE-MMA-5 Datasheet
926Kb / 5P
   5W Medical Grade Ultraminiature Switching Power Supplies
MMA-10 ASTRODYNE-MMA-10 Datasheet
934Kb / 5P
   10W Medical Grade Ultraminiature Switching Power Supplies
ASM10 ASTRODYNE-ASM10 Datasheet
735Kb / 3P
   10W Ultraminiature Medical Grade Switching Power Supplies
MMA-15 ASTRODYNE-MMA-15 Datasheet
1Mb / 5P
   15W Medical Grade Ultraminiature Switching Power Supplies
MCA-30 ASTRODYNE-MCA-30 Datasheet
1Mb / 5P
   30W Ultraminiature Modular Switching Power Supplies
ECA30 ASTRODYNE-ECA30 Datasheet
424Kb / 6P
   30W Ultraminiature Encapsulated Switching Power Supplies
EFM30 ASTRODYNE-EFM30 Datasheet
563Kb / 5P
   30W Ultraminiature Open Frame Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com