Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMK320S-12 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # MMK320S-12
Description  Medical Grade 300 Watt Enclosed Switching Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MMK320S-12 Datasheet(HTML) 3 Page - Astrodyne Corporation

  MMK320S-12 Datasheet HTML 1Page - Astrodyne Corporation MMK320S-12 Datasheet HTML 2Page - Astrodyne Corporation MMK320S-12 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Medical Grade 300 Watt Enclosed Switching Power Supplies
m m k 3 2 0 s series
WWW.AsTRODYNE.COm
AsTRODYNE UsA: 1-800-823-8082
AsTRODYNE EUROPE: 353 51 561060
AsTRODYNE PACIFIC: 886-2-26983458
OUTPUT DERATING CURVE
mECHANICAL DImENsIONs
Pin #
Outputs
1
GND
2
ACN
3
ACL
4
- Output
5
- Output
6
- Output
7
+ Output
8
+ Output
9
+ Output
-10
0
10
20
30
40
50
60
20
40
60
80
100
15V / 24V
5V / 12V
PLEASE NOTE:
To improve specifications and safety isolation, connection
designations may have changed from prior revisions. Please
verify connections per product labels on input and output
connections prior to applying power to the unit


Similar Part No. - MMK320S-12

ManufacturerPart #DatasheetDescription
logo
MacMic
MMK35LB160HB MACMIC-MMK35LB160HB Datasheet
554Kb / 4P
   Half Controlled Single Phase Rectifier Bridge
More results

Similar Description - MMK320S-12

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MMK40S ASTRODYNE-MMK40S Datasheet
695Kb / 3P
   Medical Grade 40 Watt Enclosed Switching Power Supplies
MMK75S ASTRODYNE-MMK75S Datasheet
748Kb / 3P
   Medical Grade 75 Watt Enclosed Switching Power Supplies
MMK150S ASTRODYNE-MMK150S Datasheet
580Kb / 3P
   Medical Grade 150 Watt Enclosed Switching Power Supplies
MK320S ASTRODYNE-MK320S Datasheet
615Kb / 3P
   Compact 300 Watt Enclosed Switching Power Supplies
logo
Tumbler Technologies + ...
TM300 TRUMPOWER-TM300 Datasheet
277Kb / 3P
   300 WATT MEDICAL POWER SUPPLIES
logo
Astrodyne Corporation
US150 ASTRODYNE-US150_16 Datasheet
162Kb / 3P
   Enclosed 150 Watt Switching Power Supplies
US150 ASTRODYNE-US150 Datasheet
592Kb / 3P
   Enclosed 150 Watt Switching Power Supplies
MK40S ASTRODYNE-MK40S Datasheet
675Kb / 3P
   Compact 40 Watt Enclosed Switching Power Supplies
PV15 ASTRODYNE-PV15 Datasheet
471Kb / 3P
   Compact 15 Watt Enclosed Switching Power Supplies
PV15 ASTRODYNE-PV15_16 Datasheet
371Kb / 3P
   Compact 15 Watt Enclosed Switching Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com