Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMK320S-12 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # MMK320S-12
Description  Medical Grade 300 Watt Enclosed Switching Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MMK320S-12 Datasheet(HTML) 1 Page - Astrodyne Corporation

  MMK320S-12 Datasheet HTML 1Page - Astrodyne Corporation MMK320S-12 Datasheet HTML 2Page - Astrodyne Corporation MMK320S-12 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Medical Grade 300 Watt Enclosed Switching Power Supplies
m m k 3 2 0 s series
WWW.AsTRODYNE.COm
AsTRODYNE UsA: 1-800-823-8082
AsTRODYNE EUROPE: 353 51 561060
AsTRODYNE PACIFIC: 886-2-26983458
Universal 88-264VAC Auto Range Input
Compact Footprint
High Efficiency
Regulated Outputs
4000V Isolation
Built in EMI Filter
model Number
Output Voltage
Output Amps (max) Ripple/Noise pp,typ
MMK320S-5
5 VDC
50
150mv
MMK320S-12
12 VDC
25
100mv
MMK320S-15
15 VDC
20
100mv
MMK320S-24
24 VDC
12.5
100mv
4”W x 7”L x 2”H


Similar Part No. - MMK320S-12

ManufacturerPart #DatasheetDescription
logo
MacMic
MMK35LB160HB MACMIC-MMK35LB160HB Datasheet
554Kb / 4P
   Half Controlled Single Phase Rectifier Bridge
More results

Similar Description - MMK320S-12

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MMK40S ASTRODYNE-MMK40S Datasheet
695Kb / 3P
   Medical Grade 40 Watt Enclosed Switching Power Supplies
MMK75S ASTRODYNE-MMK75S Datasheet
748Kb / 3P
   Medical Grade 75 Watt Enclosed Switching Power Supplies
MMK150S ASTRODYNE-MMK150S Datasheet
580Kb / 3P
   Medical Grade 150 Watt Enclosed Switching Power Supplies
MK320S ASTRODYNE-MK320S Datasheet
615Kb / 3P
   Compact 300 Watt Enclosed Switching Power Supplies
logo
Tumbler Technologies + ...
TM300 TRUMPOWER-TM300 Datasheet
277Kb / 3P
   300 WATT MEDICAL POWER SUPPLIES
logo
Astrodyne Corporation
US150 ASTRODYNE-US150_16 Datasheet
162Kb / 3P
   Enclosed 150 Watt Switching Power Supplies
US150 ASTRODYNE-US150 Datasheet
592Kb / 3P
   Enclosed 150 Watt Switching Power Supplies
MK40S ASTRODYNE-MK40S Datasheet
675Kb / 3P
   Compact 40 Watt Enclosed Switching Power Supplies
PV15 ASTRODYNE-PV15 Datasheet
471Kb / 3P
   Compact 15 Watt Enclosed Switching Power Supplies
PV15 ASTRODYNE-PV15_16 Datasheet
371Kb / 3P
   Compact 15 Watt Enclosed Switching Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com