Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKC03-24D12 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # MKC03-24D12
Description  Isolated and Regulated 3 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MKC03-24D12 Datasheet(HTML) 1 Page - Astrodyne Corporation

  MKC03-24D12 Datasheet HTML 1Page - Astrodyne Corporation MKC03-24D12 Datasheet HTML 2Page - Astrodyne Corporation MKC03-24D12 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Isolated and Regulated 3 WATT Modular DC/DC Converters
M K C 0 3 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Wide 2 : 1 Input Range
PI Input Filter
Regulated Outputs
500V Isolation
Full EMI Shielding
Standard Pinouts
Model Number
Output Voltage
Output mAmps
Input Range
Efficiency
SINGLE OUTPUT
MKC03-12S05
5 VDC
500
9-18 VDC
77%
MKC03-24S05
500
18-36 VDC
74%
MKC03-48S05
500
36-72 VDC
74%
MKC03-12S12
12 VDC
250
9-18 VDC
80%
MKC03-24S12
250
18-36 VDC
78%
MKC03-48S12
250
36-72 VDC
78%
MKC03-12S15
15 VDC
200
9-18 VDC
80%
MKC03-24S15
200
18-36 VDC
79%
MKC03-48S15
200
36-72 VDC
80%
DUAL OUTPUT
MKC03-12D05
+/-5 VDC
+/-250
9-18 VDC
76%
MKC03-24D05
+/-250
18-36 VDC
74%
MKC03-48D05
+/-250
36-72 VDC
74%
MKC03-12D12
+/-12 VDC
+/-125
9-18 VDC
80%
MKC03-24D12
+/-125
18-36 VDC
78%
MKC03-48D12
+/-125
36-72 VDC
77%
MKC03-12D15
+/-15 VDC
+/-100
9-18 VDC
80%
MKC03-24D15
+/-100
18-36 VDC
78%
MKC03-48D15
+/-100
36-72 VDC
77%
Unit measures 0.8”W x 1.25”L x 0.4”H
Order On-Line!
astrodyne.com


Similar Part No. - MKC03-24D12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
MKC03-24D12 P-DUKE-MKC03-24D12 Datasheet
308Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
MKC03-24D12 RSG-MKC03-24D12 Datasheet
170Kb / 3P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
MKC03-24D12 P-DUKE-MKC03-24D12 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
MKC03-24D12 ASTRODYNE-MKC03-24D12 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
More results

Similar Description - MKC03-24D12

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
VKC03 ASTRODYNE-VKC03_16 Datasheet
143Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
SB03 ASTRODYNE-SB03 Datasheet
175Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
VKC03 ETC2-VKC03 Datasheet
272Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
ASD03 ASTRODYNE-ASD03 Datasheet
737Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD03 ASTRODYNE-ASD03_16 Datasheet
186Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
VKC03 ASTRODYNE-VKC03 Datasheet
272Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
PMKC03 ASTRODYNE-PMKC03 Datasheet
155Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
SB03 ASTRODYNE-SB03_16 Datasheet
168Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com