Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0805L035 Datasheet(PDF) 2 Page - Littelfuse

Part # 0805L035
Description  POLYFUSE짰 Resettable PTCs Surface Mount
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0805L035 Datasheet(HTML) 2 Page - Littelfuse

  0805L035 Datasheet HTML 1Page - Littelfuse 0805L035 Datasheet HTML 2Page - Littelfuse 0805L035 Datasheet HTML 3Page - Littelfuse 0805L035 Datasheet HTML 4Page - Littelfuse 0805L035 Datasheet HTML 5Page - Littelfuse 0805L035 Datasheet HTML 6Page - Littelfuse 0805L035 Datasheet HTML 7Page - Littelfuse 0805L035 Datasheet HTML 8Page - Littelfuse 0805L035 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 74 page
background image
www.littelfuse.com
©2006 Littelfuse
0805L Series
Specifications are subject to change without notice.

Electronics Designers Guide
POLYFUSE® Resettable PTCs
Surface Mount
Ambient Operation Temperature
-40°C
-20°C
0°C
23°C
40°C
50°C
60°C
70°C
85°C
Part Number
Hold Current (A)
0805L010
0.14
0.12
0.11
0.10
0.08
0.07
0.06
0.05
0.03
0805L020
0.28
0.25
0.23
0.20
0.17
0.14
0.12
0.10
0.07
0805L035
0.47
0.44
0.39
0.35
0.30
0.27
0.24
0.20
0.14
0805L050
0.68
0.62
0.55
0.50
0.40
0.37
0.33
0.29
0.23
0805L075
1.00
0.90
0.79
0.75
0.63
0.57
0.53
0.41
0.34
0805L100
1.35
1.25
1.10
1.00
0.82
0.74
0.65
0.55
0.42
Temperature Rerating
Temperature Rerating Curve
-40 -30 -20 -10
0
10
20 30
40
50
60
70
80
10%
30%
50%
70%
90%
110%
130%
150%
170%
Temperature (°C)
Average Time Current Curves
CURRENT IN AMPERES
0.001
0.010
0.100
1
10
100
1000
10000
100000
0.100
1
10
100
0.02
0805L Series
Specifications are subject to change without notice.
Note: 1.00 means the number one with two decimal places.
AKL V3.9 06.05.10
Theaveragetimecurrentcurvesandtemperaturereratingcurveperformanceisaffected
byanumberorvariables,andthesecurvesprovidedasguidanceonly.Customermust
verifytheperformanceintheirapplication.


Similar Part No. - 0805L035

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0805L035 LITTELFUSE-0805L035 Datasheet
338Kb / 4P
   POLYFUSE Resettable PTCs Surface Mount
0805L035WR LITTELFUSE-0805L035WR Datasheet
338Kb / 4P
   POLYFUSE Resettable PTCs Surface Mount
0805L035YR LITTELFUSE-0805L035YR Datasheet
338Kb / 4P
   POLYFUSE Resettable PTCs Surface Mount
More results

Similar Description - 0805L035

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2920L LITTELFUSE-2920L Datasheet
374Kb / 5P
   POLYFUSE짰 Resettable PTCs Surface Mount
1812L LITTELFUSE-1812L_06 Datasheet
411Kb / 6P
   POLYFUSE짰 Resettable PTCs Surface Mount
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
   POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
   POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
   POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
   POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
   POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
   POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
   POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com