Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTCC-0309DRL Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # MTCC-0309DRL
Description  30W Ultraminiature Modular Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MTCC-0309DRL Datasheet(HTML) 3 Page - Astrodyne Corporation

  MTCC-0309DRL Datasheet HTML 1Page - Astrodyne Corporation MTCC-0309DRL Datasheet HTML 2Page - Astrodyne Corporation MTCC-0309DRL Datasheet HTML 3Page - Astrodyne Corporation MTCC-0309DRL Datasheet HTML 4Page - Astrodyne Corporation MTCC-0309DRL Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
30W Ultraminiature Modular Switching Power Supplies
M C A - 3 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.
INPUT SPECIFICATIONS
Input Voltage, Nominal
85-265VAC
Nominal: 100-240VAC
Input Frequency
47-440 Hz, 50-60Hz Nom.
Inrush Current
20A @ 100VAC, typ
40A @ 200VAC, typ
OUTPUT SPECIFICATIONS
Output Voltage/Current
See Specific Model
Initial Accuracy
+/-1%, adjustable
Voltage Adjust
+/-6%, typ
Load Regulation
+/-0.3%, typ
Line Regulation
+/-0.3%, typ
Temperature Coefficient
+/-0.03%/°C
Ripple/Noise(20Mhz BW)
150mV Pk-Pk, typ
Overvoltage Protection
Clamp, 130-150% *
Hold Up Time
30mS, typ
Short Circuit Protection
Continuous, self-recovering *
Current Limit
130% typ, Self-Reset Foldback
GENERAL SPECIFICATIONS
On/Off Control
Open Collector
Logic “1”/Open=ON
Logic “0”/GND=OFF
Input-Out Isolation
3000VAC
Output-Ground Isolation
1000VAC
Input-Ground Isolation
2500VAC
Operating Frequency
140 Khz, fixed
Efficiency (@ Full Load)
75 - 80%, typ
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
0 to +50°C FL See Derate *
(Free-air Convection)
Relative Humidity
0-95%, Non-Condensing
Storage Temperature
-25 to +71°C *
MTBF, Single/Multi Output
180,000 Hrs/110,000 Hrs
Mil Std 217, 25C
PHYSICAL SPECIFICATIONS
Case Material
Rynite, 94V-0 Rated
Construction
Encapsulated, Soft Pot
Weight
PCB / CHA
Singles
10.4 oz (292g) / 13.4 oz (376g)
Duals/Triples
12.1 oz (340g) / 15.4 oz (430g)
PERFORMANCE CURVES
100
90
70
50
40
30
20
10
80
60
0
0
10
20
30
40
50
60
70
-10
Ambient Temp., DegC
90
60
50
80
70
40
25
50
75
100
10
% of Full Load


Similar Part No. - MTCC-0309DRL

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MTCC-0109 ASTRODYNE-MTCC-0109 Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
MTCC-0109DRL ASTRODYNE-MTCC-0109DRL Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
MTCC-0111 ASTRODYNE-MTCC-0111 Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
MTCC-0111DRL ASTRODYNE-MTCC-0111DRL Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
More results

Similar Description - MTCC-0309DRL

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ECA30 ASTRODYNE-ECA30 Datasheet
424Kb / 6P
   30W Ultraminiature Encapsulated Switching Power Supplies
MMA-30 ASTRODYNE-MMA-30 Datasheet
1Mb / 5P
   30W Medical Grade Ultraminiature Switching Power Supplies
EFM30 ASTRODYNE-EFM30 Datasheet
563Kb / 5P
   30W Ultraminiature Open Frame Switching Power Supplies
MCA-15 ASTRODYNE-MCA-15 Datasheet
1Mb / 5P
   15W Ultraminiature Modular Switching Power Supplies
logo
List of Unclassifed Man...
MCA-15 ETC2-MCA-15 Datasheet
1Mb / 5P
   15W Ultraminiature Modular Switching Power Supplies
logo
Astrodyne Corporation
MCA-5 ASTRODYNE-MCA-5 Datasheet
1Mb / 5P
   5W Ultraminiature Modular Switching Power Supplies
MCA-10 ASTRODYNE-MCA-10 Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
MCA10 ASTRODYNE-MCA10 Datasheet
1,000Kb / 6P
   10W Ultraminiature Modular Switching Power Supplies
MCA5 ASTRODYNE-MCA5 Datasheet
496Kb / 6P
   5W Ultraminiature Modular Switching Power Supplies
APC ASTRODYNE-APC Datasheet
247Kb / 3P
   5 Watt Ultraminiature Modular Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com