Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA0367A Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PA0367A
Description  For use with Linear Technology?셲 LT3420
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA0367A Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PA0367A Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMT FLYBACK TRANSFORMER FOR
PHOTOFLASH CAPACITOR CHARGER
For use with Linear Technology’s LT3420
Lowest cost transformer solution
Optimized design for lowest leakage inductance and
secondary side capacitance
Smallest footprint available: 9.1mm x 9.1mm maximum
Low profile - height is .205" (5,20mm) maximum
Mechanical
Schematic
PA0367A
Date Code
Country of Origin
.360
9,14
MAX
1
4
3
2
.460
11,68
MAX
.460
11,68
MAX
.005/0,13
4 SURFACES
.205
5,20
MAX
SEATING PLANE
NOTE: Coil must clear seating plane
by a minimum of .010 inches.
SUGGESTED PAD LAYOUT
.145
3,68
.120
3,05
.392
9,96
.512
13,00
.392
9,96
.512
13,00
1
2
3
4
4
2
3
1
1:12
Weight . . . . . . . . . . . . . .0.8 grams
Tape & Reel . . . . . . . . . . . .400/reel
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
Electrical Specifications @ 25°C — Operating Temperature -40°C to 130°C
Pulse
Inductance
Irated
Turns ratio
Leakage
DCR
Primary
Number
@ Irated
(Adc)
(Pri:Sec)
Inductance
Primary
Secondary
Secondary
(µH MIN)
(µH MAX)
(m
Ω MAX)
(
Ω MAX)
Isolation
PA0367A
18
1.5
1:12
0.75
180
18
500Vrms
NOTES: The PA0367A is a modified version of the Pulse PA0367 which was tested and approved by Linear Technology for use with the
LT3420. The PA0367 has now been discontinued. the PA0367A has the same mechanical footprint and size as the PA0367 and meets the
requirements of the LT3420 specifications.
®
P563.A (9/04)
For More Information :
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
©2004, Pulse Engineering, Inc. All Rights Reserved.
UNITED STATES
(Worldwide)
12220 World Trade Drive
San Diego, CA 92128
U.S.A.
http://www.pulseeng.com
TEL: 858 674 8100
FAX: 858 674 8262
UNITED KINGDOM
(Northern Europe)
3 Huxley Road
Surrey Research Park
Guildford, Surrey GU2 5RE
United Kingdom
TEL: 44 1483 401700
FAX: 44 1483 401701
FRANCE
(Southern Europe)
Zone Industrielle
F-39270
Orgelet
France
TEL: 33 3 84 35 04 04
FAX: 33 3 84 25 46 41
TAIWAN, R.O.C.
(Northern Asia)
3F-4, No. 81, Sec. 1
HsinTai Wu Road
Hsi-Chih, Taipei Hsien
Taiwan, R.O.C.
Tel: 886 2 2698 0228
FAX: 886 2 2698 0948
SINGAPORE
(Southern Asia)
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
TEL: 65 6287 8998
FAX: 65 6280 0080
HONG KONG
(China/Hong Kong)
9/F, Phase 2, Tai Sang
Shatin Warehouse Centre
6 Wong Chuk Yeung Street
Fotan, Shatin, Hong Kong
TEL: 852 2788 6588
FAX: 852 2776 1055
DISTRIBUTOR


Similar Part No. - PA0367A

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA0367A PULSE-PA0367A Datasheet
94Kb / 2P
   SMT FLYBACK TRANSFORMER FOR PHOTOFLASH CAPACITOR CHARGER
PA0367ANLT PULSE-PA0367ANLT Datasheet
94Kb / 2P
   SMT FLYBACK TRANSFORMER FOR PHOTOFLASH CAPACITOR CHARGER
More results

Similar Description - PA0367A

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
AEP1020-S TALEMA-AEP1020-S Datasheet
40Kb / 1P
   ADSL Transformers for Linear Technology?셲 Chipsets
logo
Ultralife Corporation.
UKT0038 ULTRALIFE-UKT0038 Datasheet
228Kb / 1P
   Operator?셲 card for ease of use
Rev: B
logo
Infineon Technologies A...
TLE4997 INFINEON-TLE4997 Datasheet
2Mb / 36P
   Programmable Linear Hall Sensor for Industrial Use
V 1.0, June 2007
TLE4997I INFINEON-TLE4997I Datasheet
1Mb / 36P
   Programmable Linear Hall Sensor for Industrial Use
V 1.0, June 2007
logo
Broadcom Corporation.
9400 BOARDCOM-9400 Datasheet
487Kb / 3P
   Industry?셲 First Hardware RAID adapter with Tri-Mode SerDes Technology
logo
AMETHERM Circuit Protec...
SL225R012 AMETHERM-SL225R012 Datasheet
30Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part Outside Kinked Leads Use -B after Ametherm?셲 part #
SL2220007 AMETHERM-SL2220007 Datasheet
32Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL2220007-17 AMETHERM-SL2220007-17 Datasheet
31Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL2230004 AMETHERM-SL2230004 Datasheet
30Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL2230005 AMETHERM-SL2230005 Datasheet
29Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com