Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS-65-7.5 Datasheet(PDF) 4 Page - Astrodyne Corporation

Part # MPS-65-7.5
Description  65W Single Output for Medical Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MPS-65-7.5 Datasheet(HTML) 4 Page - Astrodyne Corporation

  MPS-65-7.5 Datasheet HTML 1Page - Astrodyne Corporation MPS-65-7.5 Datasheet HTML 2Page - Astrodyne Corporation MPS-65-7.5 Datasheet HTML 3Page - Astrodyne Corporation MPS-65-7.5 Datasheet HTML 4Page - Astrodyne Corporation MPS-65-7.5 Datasheet HTML 5Page - Astrodyne Corporation MPS-65-7.5 Datasheet HTML 6Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
m p D - 6 5 series
65W Dual Output for Medical Type
300 myles standish Blvd., Taunton, mA 02780
ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AsTRODYNE.COm
File�Name:MPD-65-SPEC���2005-09-06
Unit:mm
fosc�:�45KHz
DC�Output�Connector�(CN2)�:�Molex�5273-06�or�equivalent
AC�Input�Connector�(CN1)�:�Molex�5277-02��or�equivalent
Pin�No.
1
2
Assignment
Mating�Housing
Molex�5195
Molex�5194
or�equivalent
or�equivalent
Terminal
Block�Diagram
Mechanical�Specification
Static�Characteristics
Output�Derating
AMBIENT�TEMPERATURE�(
)
(HORIZONTAL)
-10
0
10
20
30
40
50
60
20
40
60
80
100
90
100
110
135
155
264
230
100
90
80
70
60
50
40
INPUT�VOLTAGE�(V)�60Hz
O.V.P.
CONTROL
ING
COM
+5V
RECTIFIERS
&
FILTER
SWITCH-
POWER
FILTER
&
RECTIFIERS
O.L.P.
DETECTION
CIRCUIT
PWM
FILTER
&
RECTIFIERS
+V
FG
I/P
FILTER
EMI
SVR1
115.8
127
AC�FUSE
T2A/250V
AC�FUSE
T2A/250V
FS2
2
CN1
1
FS1
FG
4
6
4-
3.8
5
2
3
CN2
1
5.6
M1
M2
Pin�No.
1
2,3
4,5
6
Assignment
+V
+5V
COM
NC
Mating�Housing
Molex�5195
or�equivalent
Terminal
Molex�5194
or�equivalent
AC/N
AC/L
65W�Dual�Output�Medical Type
M P D - 6 5 series


Similar Part No. - MPS-65-7.5

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MPS-65-7.5 TOTAL-POWER-MPS-65-7.5 Datasheet
343Kb / 2P
   65W Single Output Medical Type
logo
Mean Well Enterprises C...
MPS-65-7.5 MEANWELL-MPS-65-7.5 Datasheet
335Kb / 2P
   65W Single Output Medical Type
logo
MicroPower Direct, LLC
MPS-65-7.5 MPD-MPS-65-7.5 Datasheet
704Kb / 2P
   Low Cost, Open Frame 65W EN60601 (Medical) Approved AC/DC Power Supplies
logo
Mean Well Enterprises C...
MPS-65-7.5 MEANWELL-MPS-65-7.5 Datasheet
339Kb / 2P
   65W Single Output Medical Type
MPS-65-7.5 MEANWELL-MPS-65-7.5 Datasheet
354Kb / 2P
   65W Single Output Medical Type
More results

Similar Description - MPS-65-7.5

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MPS65 ASTRODYNE-MPS65 Datasheet
348Kb / 4P
   65W Single Output for Medical Type
logo
Total Power Internation...
MPS-65 TOTAL-POWER-MPS-65 Datasheet
343Kb / 2P
   65W Single Output Medical Type
logo
Mean Well Enterprises C...
MPS-65 MEANWELL-MPS-65 Datasheet
335Kb / 2P
   65W Single Output Medical Type
MPS-65_1112 MEANWELL-MPS-65_1112 Datasheet
354Kb / 2P
   65W Single Output Medical Type
MPS-65 MEANWELL-MPS-65_11 Datasheet
339Kb / 2P
   65W Single Output Medical Type
RPS-65 MEANWELL-RPS-65 Datasheet
102Kb / 4P
   65W Single Output Medical Type
MPT-65_1112 MEANWELL-MPT-65_1112 Datasheet
355Kb / 2P
   65W Triple Output Medical Type
MPT-65 MEANWELL-MPT-65 Datasheet
337Kb / 2P
   65W Triple Output Medical Type
MPT-65 MEANWELL-MPT-65_11 Datasheet
340Kb / 2P
   65W Triple Output Medical Type
MPD-65 MEANWELL-MPD-65_11 Datasheet
338Kb / 2P
   65W Dual Output Medical Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com