Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPU12A-108 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # MPU12A-108
Description  12W Medical Grade Wallmount Switching Power Adapters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MPU12A-108 Datasheet(HTML) 2 Page - Astrodyne Corporation

  MPU12A-108 Datasheet HTML 1Page - Astrodyne Corporation MPU12A-108 Datasheet HTML 2Page - Astrodyne Corporation MPU12A-108 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
12W Medical Grade Wallmount Switching Power Adapters
m p u 1 2 A series
WWW.ASTRODYNE.COm
ASTRODYNE uSA: 1-800-823-8082
ASTRODYNE EuROpE: 353 51 561060
ASTRODYNE pACIFIC: 886-2-26983458
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.
INpuT SpECIFICATIONS
Input Voltage Range
90-264 VAC
Frequency Range
47-63 Hz
Input Current
Low Line (115VAC)
0.35A max.
High Line (230VAC)
0.22A max.
Inrush Current, typ (Cold Start)
Low Line (115VAC)
16A max.
High Line (230VAC)
30A max.
Leakage Current
<100 uA
OuTpuT SpECIFICATIONS
Voltage and Current
See Selection Charts
Output Power Range
0 to FL Rating
Load Regulation (0-FL, 230Vin)
± 5%, max.
Line Regulation (FL)
± 1%, max.
Over Voltage Protection
112-132%
Over Current Protection
110-150%
Transient Response
100Vin, FL to 1/2L
4mS
Temperature Coefficient
±0.04%/°C, typ
Ripple/Noise
FL, 90Vin
1% Pk-Pk max.
Short Circuit Protection
Continuous, self-recovering *
Start Up / Hold Up Time
100Vin, FL
2S max. / 16mS min.
GENERAL SpECIFICATIONS
Input-Out Isolation
4000 VAC
Efficiency
(FL, 230Vin)
72%, typ
Safety
UL60601-1, CSA-22.2 No601.1-M90
pHYSICAL SpECIFICATIONS
Size
2.56” x 2.16” x 1.38” (65x55x35mm)
Construction
Wallmount Style
Weight
5.64oz (160g)
ENVIRONmENTAL SpECIFICATIONS
Oper. Temperature
0 to +40°C (FL) *
50% Load @ 70°C
(See Derate Curve Next Page)
Storage Temperature
-40 to +85°C *
Relative Humidity
5% to 95%, non-cond *
EMC
120Vin:
FCC Part 15 Class B
230Vin:
CISPR-22 Class B
MTBF
100,000 Hrs


Similar Part No. - MPU12A-108

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
MPU12A-108 MPSIND-MPU12A-108 Datasheet
241Kb / 2P
   12W Wall Mount Switching Power Supplies For Medical Equipment.
More results

Similar Description - MPU12A-108

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AMP1201 ASTRODYNE-AMP1201 Datasheet
491Kb / 3P
   12W Medical Grade Wallmount Switching Power Adapters
MPU50 ASTRODYNE-MPU50 Datasheet
462Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
AMP500 ASTRODYNE-AMP500 Datasheet
218Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
AMP300 ASTRODYNE-AMP300 Datasheet
253Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
AMP6301 ASTRODYNE-AMP6301 Datasheet
226Kb / 3P
   63W Medical Grade Desktop Switching Power Adapters
MPU30 ASTRODYNE-MPU30 Datasheet
386Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
MPU100 ASTRODYNE-MPU100 Datasheet
727Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP1501 ASTRODYNE-AMP1501 Datasheet
272Kb / 4P
   15W Medical Grade Desktop Switching Power Adapters
AMP101 ASTRODYNE-AMP101 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP1601 ASTRODYNE-AMP1601 Datasheet
601Kb / 5P
   15W 3rd Edition Medical Grade Desktop Switching Power Adapters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com