Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTMA-0109 Datasheet(PDF) 5 Page - Astrodyne Corporation

Part # MTMA-0109
Description  10W Medical Grade Ultraminiature Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MTMA-0109 Datasheet(HTML) 5 Page - Astrodyne Corporation

  MTMA-0109 Datasheet HTML 1Page - Astrodyne Corporation MTMA-0109 Datasheet HTML 2Page - Astrodyne Corporation MTMA-0109 Datasheet HTML 3Page - Astrodyne Corporation MTMA-0109 Datasheet HTML 4Page - Astrodyne Corporation MTMA-0109 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
10W Medical Grade Ultraminiature Switching Power Supplies
M M A - 1 0 series
MECHANICAL DIMENSIONS - CHASSIS MOUNT
9
8
7
6
5
4
1
2
3
ADJUSTMENT POT
POWER “GOOD” INDICATOR
#3-48 SCREW
(6 PLACES)
#3-48 SCREW
(3 PLACES)
TOLERANCE: .XX
±0.01 [0.25]
.XXX
±0.005 [0.13]
DIMENSIONS SHOWN IN INCH [MM]
2.16 [54.9]
1.780 [45.21]
0.50 [12.7] TYP.
(2 PLACES)
0.19 [4.8]
0.25 [6.4] TYP. (5 PLACES)
0.130 [3.30] DIA. TYP.
(2 PLACES)
ACCEPTS #4 SCREW & NUT
3.430 [87.12]
3.77 [95.8]
1.00 [25.4]
0.17 [4.3]
0.350 [8.89]
0.100 [2.54]
Model
Match
Unmatch
Triple
Type / Pin#
Single Dual
Dual
1
AC LO
AC LO
AC LO
AC LO
2
GND
GND
GND
GND
3
AC HI
AC HI
AC HI
AC HI
4
Ctrl
Ctrl
Ctrl
Ctrl
5
-Vout
-Vout
Com
+5 Ret
6
-Vout
Com
Com
+5Vout
7
+Vout
Com
+5Vout
-Vout
8
+Vout
+Vout
+12Vout
+/- Com
9
N/C
N/C
N/C
+Vout
DIN Rail mounting kit available for Chassis-mount modules, specify part #
M-DRL-01. Kit includes mounting plate, DIN Rail cliip and assembly hardware.
MECHANICAL DIMENSIONS - DIN RAIL


Similar Part No. - MTMA-0109

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MTMA-0309 ASTRODYNE-MTMA-0309 Datasheet
1Mb / 5P
   30W Medical Grade Ultraminiature Switching Power Supplies
MTMA-0311 ASTRODYNE-MTMA-0311 Datasheet
1Mb / 5P
   30W Medical Grade Ultraminiature Switching Power Supplies
More results

Similar Description - MTMA-0109

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASM10 ASTRODYNE-ASM10_16 Datasheet
702Kb / 3P
   10W Ultraminiature Medical Grade Switching Power Supplies
ASM10 ASTRODYNE-ASM10 Datasheet
735Kb / 3P
   10W Ultraminiature Medical Grade Switching Power Supplies
MMA-30 ASTRODYNE-MMA-30 Datasheet
1Mb / 5P
   30W Medical Grade Ultraminiature Switching Power Supplies
ASM15 ASTRODYNE-ASM15 Datasheet
753Kb / 3P
   15W Ultraminiature Medical Grade Switching Power Supplies
MMA-5 ASTRODYNE-MMA-5 Datasheet
926Kb / 5P
   5W Medical Grade Ultraminiature Switching Power Supplies
MMA-15 ASTRODYNE-MMA-15 Datasheet
1Mb / 5P
   15W Medical Grade Ultraminiature Switching Power Supplies
MCA-10 ASTRODYNE-MCA-10 Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
MCA10 ASTRODYNE-MCA10 Datasheet
1,000Kb / 6P
   10W Ultraminiature Modular Switching Power Supplies
ECA10 ASTRODYNE-ECA10 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ECA-10 ASTRODYNE-ECA-10 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com