Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL155R007 Datasheet(PDF) 1 Page - AMETHERM Circuit Protection Thermistors

Part # SL155R007
Description  Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMETHERM [AMETHERM Circuit Protection Thermistors]
Direct Link  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

SL155R007 Datasheet(HTML) 1 Page - AMETHERM Circuit Protection Thermistors

  SL155R007 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATA SHEET
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701
Telephone: (800) 808-2434 (775) 884-2434
Fax: (775) 884-0670
www.ametherm.com
Part Number: SL15 5R007
Ordering Different Lead Types:
For example: to order an inside kinked lead use part number SL15 5R007-
A
Electrical Specifications:
Mechanical Specifications:
CSA File Number: #CA118061
Revision Date: July 8, 2003
Inside Kinked Leads
Use
-A after Ametherm’s part #
Outside Kinked Leads
Use
-B after Ametherm’s part #
Resistance @ 25°C
5.0
Ω ± 20%
Max Steady State Current Up to 65
°C
7.0 A
Max Recommended Energy Rating (Joules)
50.0 J
Actual Failure Point of Instantaneous Energy (Joules)
75.0 J
Resistance @ 100% of Max Current
0.090
Resistance @ 50% of Max Current
0.207
Body Temperature @ 100% Current Rating
180 °C
Dissipation Constant
22mW/°C
Thermal Time Constant
54 seconds
Material Type
“C”
Max Recommended Voltage
265 VAC
Max Recommended Capacitance @120 VAC /240VAC
3400
µF/ 750µF
D
15.0
± 0.5 mm
T
4.5
± 0.5 mm
Lead Diameter
1.00
± 0.1 mm
S
7.8
± 2.0 mm
L
38.0
± 9.0 mm
Inside Kink
Dimension
6.35
± 0.60 mm
B
7.50
± 0.70 mm
C
2.82
± 0.5 mm
Coating Run Down
on the Straight
Leads
5.00
± 0.5 mm
L
OUTSIDE
KINKED LEADS
S
STRAIGHT
LEADS
B
INSIDE
KINKED LEADS
S
S
D
D
D
C
T


Similar Part No. - SL155R007

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SL155R007 AMETHERM-SL155R007 Datasheet
37Kb / 2P
   Erin Landis
SL155R007-03 AMETHERM-SL155R007-03 Datasheet
34Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL155R007 AMETHERM-SL155R007_14 Datasheet
37Kb / 2P
   Erin Landis
More results

Similar Description - SL155R007

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SL158R006 AMETHERM-SL158R006 Datasheet
29Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL224R014 AMETHERM-SL224R014 Datasheet
30Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL2250004 AMETHERM-SL2250004 Datasheet
29Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL225R012 AMETHERM-SL225R012 Datasheet
30Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part Outside Kinked Leads Use -B after Ametherm?셲 part #
SL2220007 AMETHERM-SL2220007 Datasheet
32Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL2220007-17 AMETHERM-SL2220007-17 Datasheet
31Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL2230004 AMETHERM-SL2230004 Datasheet
30Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL2230005 AMETHERM-SL2230005 Datasheet
29Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL2240005 AMETHERM-SL2240005 Datasheet
31Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL220R712 AMETHERM-SL220R712 Datasheet
29Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com