Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1210L050 Datasheet(PDF) 9 Page - Littelfuse

Part # 1210L050
Description  POLYFUSE짰 Resettable PTCs Surface Mount
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1210L050 Datasheet(HTML) 9 Page - Littelfuse

Back Button 1210L050 Datasheet HTML 5Page - Littelfuse 1210L050 Datasheet HTML 6Page - Littelfuse 1210L050 Datasheet HTML 7Page - Littelfuse 1210L050 Datasheet HTML 8Page - Littelfuse 1210L050 Datasheet HTML 9Page - Littelfuse 1210L050 Datasheet HTML 10Page - Littelfuse 1210L050 Datasheet HTML 11Page - Littelfuse 1210L050 Datasheet HTML 12Page - Littelfuse 1210L050 Datasheet HTML 13Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
POLYFUSE® Resettable PTCs
Surface Mount
www.littelfuse.com
©2006 Littelfuse
0
Electronics Designers Guide
0L Series
Specifications are subject to change without notice.
Packaging
I
hold
(A)
I
hold Code
Packaging
Option
Quantity
Quantity &
Packaging Codes
0.125
012
TapeandReel
3000
WR
0.16
016
TapeandReel
3000
WR
0.20
020
TapeandReel
4000
YR
0.25
025
TapeandReel
4000
YR
0.35
035
TapeandReel
4000
YR
0.50
050
TapeandReel
4000
YR
0.75
075
TapeandReel
3000
WR
1.00
100
TapeandReel
3000
WR
1.10
110
TapeandReel
3000
WR
1.50
150
TapeandReel
2000
PR


Similar Part No. - 1210L050

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1210L050 LITTELFUSE-1210L050 Datasheet
342Kb / 4P
   POLYFUSE짰 Resettable PTCs
1210L050 LITTELFUSE-1210L050 Datasheet
802Kb / 6P
   The 1210L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired.
1210L050 LITTELFUSE-1210L050 Datasheet
375Kb / 4P
   1210L Series
1210L050 LITTELFUSE-1210L050 Datasheet
910Kb / 6P
   The 1210L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired
1210L050WR LITTELFUSE-1210L050WR Datasheet
375Kb / 4P
   1210L Series
More results

Similar Description - 1210L050

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2920L LITTELFUSE-2920L Datasheet
374Kb / 5P
   POLYFUSE짰 Resettable PTCs Surface Mount
1812L LITTELFUSE-1812L_06 Datasheet
411Kb / 6P
   POLYFUSE짰 Resettable PTCs Surface Mount
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
   POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
   POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
   POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
   POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
   POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
   POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
   POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com