Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ-100D Datasheet(PDF) 5 Page - Astrodyne Corporation

Part # PQ-100D
Description  100W Quad Output Switching Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PQ-100D Datasheet(HTML) 5 Page - Astrodyne Corporation

  PQ-100D Datasheet HTML 1Page - Astrodyne Corporation PQ-100D Datasheet HTML 2Page - Astrodyne Corporation PQ-100D Datasheet HTML 3Page - Astrodyne Corporation PQ-100D Datasheet HTML 4Page - Astrodyne Corporation PQ-100D Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
p D - 11 0 series
110W Dual Output Switching Power Supply
300 Myles Standish Blvd., Taunton, MA 02780
ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
File�Name:PD-110-SPEC���2005-09-13
Unit:mm
DC�Output�Connector�(CN2)�:�Molex�5273-12�or�equivalent
Pin�No.
1,2,3
4,5,6,7
8,9,10
11,12
Assignment
V1
COM
V2
V3(Option)
Mating�Housing
Molex�5195
or�equivalent
Terminal
Molex�5194
or�equivalent
AC�Input�Connector�(CN1)�:�Molex�5273-05�or�equivalent
Pin�No.
1
2,4
3
5
Assignment
Mating�Housing
Molex�5195
Molex�5194
or�equivalent
or�equivalent
Terminal
Mechanical�Specification
Static�Characteristics�(A)
Output�Derating
AMBIENT�TEMPERATURE�(
)
(HORIZONTAL)
-10
-10
0
0
10
20
30
40
50
60
20
40
60
80
100
INPUT�VOLTAGE�(V)�60Hz
90
100
110
120
140
160
180
200
220
240
260
300
250
200
150
100
50
25
Ta=25
12
13
8
7
11
10
9
4.8
5.0
5.2
4.4
4.6
4.2
4.0
17CFM�forced�air�cooling(20cm)
Natural�convection�cooling
Pin�No.
MODEL
1,2,3
+5V
+5V
PD-110A PD-110B
8,9,10
+12V
+24V
12
1
CN2
+5V ADJ
4
3
2
6
5
9
8
7
11
10
CN1
1
2
3
4
T4A/250V
5
+12V
+5V
+12V
+5V
FG
No�Pin
AC/N
AC/L
110W�Dual�Output�Switching�Power�Supply
P D - 11 0 series
178
165.1
4-
3.96


Similar Part No. - PQ-100D

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
PQ-100D XPPOWER-PQ-100D Datasheet
660Kb / 3P
   100W Quad Output Switching Power Supply
logo
Tumbler Technologies + ...
PQ-100D TRUMPOWER-PQ-100D Datasheet
43Kb / 1P
   100W Switching Power Supplies
logo
Mean Well Enterprises C...
PQ-100D MEANWELL-PQ-100D Datasheet
669Kb / 3P
   100W Quad Output Switching Power Supply
More results

Similar Description - PQ-100D

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PQ-100 MEANWELL-PQ-100 Datasheet
666Kb / 3P
   100W Quad Output Switching Power Supply
PQ-100 MEANWELL-PQ-100_12 Datasheet
669Kb / 3P
   100W Quad Output Switching Power Supply
logo
XP Power Limited
PQ-100B XPPOWER-PQ-100B Datasheet
660Kb / 3P
   100W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
PQ-100 MEANWELL-PQ-100_10 Datasheet
669Kb / 3P
   100W Quad Output Switching Power Supply
PLN-100 MEANWELL-PLN-100 Datasheet
193Kb / 2P
   100W Single Output Switching Power Supply
HLG-100H MEANWELL-HLG-100H Datasheet
315Kb / 6P
   100W Single Output Switching Power Supply
HLG-100_1107 MEANWELL-HLG-100_1107 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
NED-100_0809 MEANWELL-NED-100_0809 Datasheet
417Kb / 2P
   100W Dual Output Switching Power Supply
NES-100 MEANWELL-NES-100_10 Datasheet
386Kb / 2P
   100W Single Output Switching Power Supply
HLG-100 MEANWELL-HLG-100 Datasheet
317Kb / 6P
   100W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com