Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMK150D-A Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # PMK150D-A
Description  150 Watt Open Frame Switching Power Supply with PFC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PMK150D-A Datasheet(HTML) 3 Page - Astrodyne Corporation

  PMK150D-A Datasheet HTML 1Page - Astrodyne Corporation PMK150D-A Datasheet HTML 2Page - Astrodyne Corporation PMK150D-A Datasheet HTML 3Page - Astrodyne Corporation PMK150D-A Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
150 Watt Open Frame Switching Power Supply with PFC
P m k 1 5 0 series
WWW.ASTRODYNE.COm
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE EUROPE: 353 51 561060
ASTRODYNE PACIFIC: 886-2-26983458
2.00 ± 0.50 mm 0.079 ± 0.020 in
[
]
5.70 mm [0.224 in]
134.00 mm [5.276 in]
139.70 mm [5.500 in]
4_
Ø
3.40
mm
[0.134
in
]
35.00 mm [1.378 in]
1
2
3
9
8
7
6
5
4
mECHANICAL DImENSIONS
Pin #
Outputs
1
GND
2
ACN
3
ACL
4
+ Output
5
+ Output
6
Common
7
Common
8
Common
9
N/C


Similar Part No. - PMK150D-A

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PMK150D-A ASTRODYNE-PMK150D-A Datasheet
705Kb / 6P
   150 Watt Open Frame Switching Power Supply with PFC
PMK150D-AE ASTRODYNE-PMK150D-AE Datasheet
527Kb / 4P
   150 Watt Enclosed Switching Power Supply with PFC
PMK150D-AE ASTRODYNE-PMK150D-AE Datasheet
336Kb / 5P
   150 Watt Enclosed Switching Power Supply with PFC
PMK150D-AU ASTRODYNE-PMK150D-AU Datasheet
625Kb / 4P
   150 Watt U-Channel Switching Power Supply with PFC
More results

Similar Description - PMK150D-A

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
REL150 ASTRODYNE-REL150 Datasheet
407Kb / 3P
   150 Watt Open Frame Switching Power Supply with PFC
REL150 ASTRODYNE-REL150_16 Datasheet
246Kb / 3P
   150 Watt Open Frame Switching Power Supply with PFC
PMK150 ASTRODYNE-PMK150_16 Datasheet
705Kb / 6P
   150 Watt Open Frame Switching Power Supply with PFC
REL110 ASTRODYNE-REL110_16 Datasheet
249Kb / 3P
   110 Watt Open Frame Switching Power Supply with PFC
REL70 ASTRODYNE-REL70_16 Datasheet
251Kb / 3P
   70 Watt Open Frame Switching Power Supply with PFC
REL185 ASTRODYNE-REL185 Datasheet
458Kb / 3P
   185 Watt Open Frame Switching Power Supply with PFC
REL70 ASTRODYNE-REL70 Datasheet
371Kb / 3P
   70 Watt Open Frame Switching Power Supply with PFC
REL185 ASTRODYNE-REL185_16 Datasheet
302Kb / 3P
   185 Watt Open Frame Switching Power Supply with PFC
REL110 ASTRODYNE-REL110 Datasheet
400Kb / 3P
   110 Watt Open Frame Switching Power Supply with PFC
PMMK150 ASTRODYNE-PMMK150 Datasheet
639Kb / 4P
   Medical Grade 150 Watt Open Frame with PFC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com