Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OFM60-120 Datasheet(PDF) 4 Page - Astrodyne Corporation

Part # OFM60-120
Description  40-60W Ultraminiature Open Frame Switching Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

OFM60-120 Datasheet(HTML) 4 Page - Astrodyne Corporation

  OFM60-120 Datasheet HTML 1Page - Astrodyne Corporation OFM60-120 Datasheet HTML 2Page - Astrodyne Corporation OFM60-120 Datasheet HTML 3Page - Astrodyne Corporation OFM60-120 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
40-60W Ultraminiature Open Frame Switching Power Supplies
O F M 4 0 / 6 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Dim. A
0.150 (3.80)
4.00 (101.60)
Dim.
C
ACL
ACN
Vout (-)
VR
Vout (+)
LED
100
90
80
70
60
50
40
30
20
10
0
0
10
20
30
40
50
60
70
Ambient Temperature DegC
OUTPUT DERATING CURVE
MECHANICAL DIMENSIONS
Single Output
Dual/Triple Output
+v
+v
-V
-V
V2
V1
V1
Com
Com
V3
Connector Mate Type
Single Output Versions:
Input: Molex 09-50-3031
Output: Molex 09-50-3041
Dual/Triple Output Versions:
Input: Molex 09-50-3031
Output: Molex 09-50-3061
Note: Single/Dual Dimensional Differences
Dimensions
Singles
Dual/Triples
A
3.70 (94.00)
3.75 (95.3)
B
1.70 (43.2)
1.75 (44.5)
C
0.125 (3.17)
0.12 (3.0)


Similar Part No. - OFM60-120

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
OFM-0100 ASTRODYNE-OFM-0100 Datasheet
711Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
OFM-0100 ASTRODYNE-OFM-0100 Datasheet
316Kb / 5P
   10W Ultraminiature Open Frame Switching Power Supplies
OFM-0100M ASTRODYNE-OFM-0100M Datasheet
711Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
OFM-0101 ASTRODYNE-OFM-0101 Datasheet
711Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
OFM-0101 ASTRODYNE-OFM-0101 Datasheet
316Kb / 5P
   10W Ultraminiature Open Frame Switching Power Supplies
More results

Similar Description - OFM60-120

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
OFM40 ASTRODYNE-OFM40_16 Datasheet
217Kb / 4P
   40-60W Ultraminiature Open Frame Switching Power Supplies
ASL60 ASTRODYNE-ASL60_16 Datasheet
700Kb / 4P
   60W Ultraminiature Open Frame Switching Power Supplies
ASL60 ASTRODYNE-ASL60 Datasheet
726Kb / 4P
   60W Ultraminiature Open Frame Switching Power Supplies
ASM60 ASTRODYNE-ASM60_16 Datasheet
655Kb / 5P
   60W Ultraminiature Medical Open Frame Switching Power Supplies
ASM60 ASTRODYNE-ASM60 Datasheet
751Kb / 4P
   60W Ultraminiature Medical Open Frame Switching Power Supplies
EFM10 ASTRODYNE-EFM10 Datasheet
619Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
EFM15 ASTRODYNE-EFM15 Datasheet
566Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
OFM15 ASTRODYNE-OFM15 Datasheet
654Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10 Datasheet
711Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
EFM5 ASTRODYNE-EFM5 Datasheet
684Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com