Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA7522S Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TA7522S
Description  Dual Voltage Comparator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7522S Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TA7522S Datasheet HTML 1Page - Toshiba Semiconductor TA7522S Datasheet HTML 2Page - Toshiba Semiconductor TA7522S Datasheet HTML 3Page - Toshiba Semiconductor TA7522S Datasheet HTML 4Page - Toshiba Semiconductor TA7522S Datasheet HTML 5Page - Toshiba Semiconductor TA7522S Datasheet HTML 6Page - Toshiba Semiconductor TA7522S Datasheet HTML 7Page - Toshiba Semiconductor TA7522S Datasheet HTML 8Page - Toshiba Semiconductor TA7522S Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TA7522S/F
2005-03-29
4
Electrical Characteristics (Ta = 40 to +85°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
(Note)
Max
Unit
Voltage gain
GV
1
VCC = 6 V, RL = 1 kΩ
f = 10 Hz, test circuit 1
60
95
dB
Input offset voltage
VIO
2
VCC = 6 V, RL = 1 kΩ
CMVIN = 3 V,
test circuit 2
2
10
mV
Input bias current
II
3
VCC = 6 V, CMVIN = 3 V
test circuit 3
−0.2
−2
µA
Input offset current
IIO
3
Same as above
0.02
0.3
µA
CMVIL
VCC = 6.5 V, RL = 1 kΩ
VIO = 20 mV,
test circuit 4
−0.5
0
V
Common-mode input voltage
CMVIH
4
Same as above
5.0
5.3
V
OUT1
OUT2
VCC = 5.5 V, VIN = 0.1 V
IOL = 10 mA,
test circuit 5
0.18
0.4
V
Zero output voltage
VOL
OUT1
5
VCC = 5.5 V, VIN = 0.1 V,
IOL = 15 mA,
VOL (out1) ≧2 V,
test circuit 5
0.25
0.4
V
OUT1
OUT1
OUT2
6
VCC = 6 V, VOUT = 30 V
test circuit 6
10
µA
Output leakage current
ILEAK
OUT1
6
VCC = 6 V, VOUT = 0.4 V
test circuit 6
−1.5
−10
µA
Current consumption
ICC
7
VCC = 6.5 V, RL = ∞
test circuit 7
3
7
mA
Note: An ambient temperature of 25°C is assumed for the typical values.


Similar Part No. - TA7522S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7522S TOSHIBA-TA7522S Datasheet
201Kb / 6P
   DUAL VOLTAGE COMPARATOR
TA7522SG TOSHIBA-TA7522SG Datasheet
365Kb / 11P
   Dual Voltage Comparator
More results

Similar Description - TA7522S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM219 PHILIPS-LM219 Datasheet
111Kb / 5P
   Dual voltage comparator
August 31, 1994
logo
AUK corp
S393P AUK-S393P_1 Datasheet
258Kb / 4P
   Dual Voltage Comparator
logo
Toshiba Semiconductor
TA7522S TOSHIBA-TA7522S Datasheet
201Kb / 6P
   DUAL VOLTAGE COMPARATOR
logo
Daewoo Semiconductor
DBL393 DAEWOO-DBL393 Datasheet
267Kb / 6P
   DUAL VOLTAGE COMPARATOR
logo
AUK corp
S393 AUK-S393 Datasheet
255Kb / 4P
   Dual Voltage Comparator
logo
Toshiba Semiconductor
TA7522F TOSHIBA-TA7522F Datasheet
143Kb / 4P
   DUAL VOLTAGE COMPARATOR
TA75W393FU TOSHIBA-TA75W393FU Datasheet
188Kb / 5P
   DUAL VOLTAGE COMPARATOR
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393 Datasheet
141Kb / 6P
   Dual Voltage Comparator
logo
AUK corp
S393P AUK-S393P Datasheet
262Kb / 3P
   Dual Voltage Comparator
S393 AUK-S393_1 Datasheet
255Kb / 4P
   Dual Voltage Comparator
logo
Austin Semiconductor
AS2111 AUSTIN-AS2111 Datasheet
527Kb / 7P
   Dual Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com