Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSP-1000-24 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # PSP-1000-24
Description  1000W Single Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PSP-1000-24 Datasheet(HTML) 2 Page - Astrodyne Corporation

  PSP-1000-24 Datasheet HTML 1Page - Astrodyne Corporation PSP-1000-24 Datasheet HTML 2Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
p s p - 1 0 0 0 series
1000W Single Output with PFC Function
300 Myles standish Blvd., Taunton, MA 02780
ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AsTRODYNE.COM
Mechanical�Specification
Derating�Curve
Output�Derating�VS�Input�Voltage
File�Name:PSP-1000-SPEC���2005-09-13
Case�No.�924A
Unit:mm
INPUT�VOLTAGE�(V)�60Hz
90
115
135
180
230
264
100
90
80
70
60
50
40
ADJ LED
Air�flow
direction
3
2
1
CONTROL
4-M4
52
200
278
O/P
25.75
63.5
127
6-M3
32
240
185
4-M4
52
200
I/P
4-M6
2
1
6
2
5
1
8
7
4
3
3
4
AC�Input Terminal�Pin.
No. Assignment
Pin�No.
1
3
2
Assignment
FG
AC/N
AC/L
DC�Output Terminal�Pin.�No Assignment
Pin�No.
1,3
2,4
Assignment
DC�OUTPUT +V
DC�OUTPUT -V
Control�Pin.�No Assignment�:�MOLEX�5559-NP uses�5558male�crimp�terminal
Pin�No.
Pin�No.
5
1
6
2
7
8
3
4
Assignment
Assignment
NC
P(Current�share)
NC
-S
+S
RC+
G
RC-
Mating�connector
MOLEX�5557-NR
Terminal
MOLEX�5556
Female�crimp
Terminal
receptacle
AMBIENT�TEMPERATURE�(
)
-10
0
10
20
30
40
50
60
70
20
40
60
80
100
12�~�48V
5V
1000W�Single�Output�with�PFC�Function
P S P - 1 0 0 0 series


Similar Part No. - PSP-1000-24

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
PSP-1000-24 TOTAL-POWER-PSP-1000-24 Datasheet
361Kb / 2P
   1000W Single Output with PFC Function
logo
Mean Well Enterprises C...
PSP-1000-24 MEANWELL-PSP-1000-24 Datasheet
362Kb / 2P
   1000W Single Output with PFC Function
logo
RSG Electronic Componen...
PSP-1000-24 RSG-PSP-1000-24 Datasheet
151Kb / 2P
   1000W Single Output with PFC Function
More results

Similar Description - PSP-1000-24

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
PSP-1000 TOTAL-POWER-PSP-1000 Datasheet
361Kb / 2P
   1000W Single Output with PFC Function
logo
RSG Electronic Componen...
PSP-1000 RSG-PSP-1000 Datasheet
151Kb / 2P
   1000W Single Output with PFC Function
logo
Mean Well Enterprises C...
HRPG-1000 MEANWELL-HRPG-1000 Datasheet
167Kb / 6P
   1000W Single Output with PFC Function
PSP-1000 MEANWELL-PSP-1000 Datasheet
362Kb / 2P
   1000W Single Output with PFC Function
PSPA-1000 MEANWELL-PSPA-1000 Datasheet
188Kb / 5P
   1000W with PFC and Parallel Function
HRPG-450 MEANWELL-HRPG-450_11 Datasheet
478Kb / 3P
   450W Single Output with PFC Function
ASP-150 MEANWELL-ASP-150_10 Datasheet
282Kb / 2P
   150W Single Output with PFC Function
HRPG-600 MEANWELL-HRPG-600 Datasheet
378Kb / 4P
   600W Single Output with PFC Function
SP-320 MEANWELL-SP-320_11 Datasheet
416Kb / 2P
   320W Single Output with PFC Function
logo
XP Power Limited
PPS-200-5 XPPOWER-PPS-200-5 Datasheet
330Kb / 2P
   200W Single Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com