Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA8200AH Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TA8200AH
Description  Dual Audio Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8200AH Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TA8200AH_02 Datasheet HTML 1Page - Toshiba Semiconductor TA8200AH_02 Datasheet HTML 2Page - Toshiba Semiconductor TA8200AH_02 Datasheet HTML 3Page - Toshiba Semiconductor TA8200AH_02 Datasheet HTML 4Page - Toshiba Semiconductor TA8200AH_02 Datasheet HTML 5Page - Toshiba Semiconductor TA8200AH_02 Datasheet HTML 6Page - Toshiba Semiconductor TA8200AH_02 Datasheet HTML 7Page - Toshiba Semiconductor TA8200AH_02 Datasheet HTML 8Page - Toshiba Semiconductor TA8200AH_02 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TA8200AH
2002-02-13
5
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
37
V
Output current (Peak/ch)
IO (peak)
2.5
A
Power dissipation
PD (Note)
25
W
Operating temperature
Topr
-20~75
°C
Storage temperature
Tstg
-55~150
°C
Note: Derated above Ta
= 25°C in the proportion of 200 mW/°C.
Electrical Characteristics
(unless otherwise specified, VCC
==== 28 V, RL ==== 8 9
9
9
9, Rg ==== 600 9
9
9
9, f ==== 1 kHz, Ta ==== 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Quiescent current
ICCQ
¾
Vin = 0
¾
50
105
mA
Pout (1)
¾
THD
= 10%
10
13
¾
Output power
Pout (2)
¾
THD
= 1%
¾
10
¾
W
Total harmonic distortion
THD
¾
Pout = 2 W
¾
0.04
0.2
%
Voltage gain
GV
¾
Vout = 0.775 Vrms (0dBm)
32.5
34.0
35.5
dB
Input resistance
RIN
¾
¾
¾
30
¾
k
W
Ripple rejection ratio
R.R.
¾
Rg
= 0, fripple = 100 Hz
Vripple = 0.775 Vrms (0dBm)
-40
-50
¾
dB
Output noise voltage
Vno
¾
Rg
= 10 kW,
BW
= 20 Hz~20 kHz
¾
0.14
0.3
mVrms
Cross talk
C.T.
¾
Rg
= 10 kW,
Vout = 0.775 Vrms (0dBm)
¾
-70
¾
dB
Muting threshold voltage
Vth 11
¾
¾
2.6
2.8
¾
V
Typ. DC Voltage of Each Terminal (VCC
==== 28 V, Ta ==== 25°C)
Terminal No.
1
2
3
4
5
6
7
8
9
10
11
12
DC voltage (V)
1.6
20m
GND
20m
1.6
9.4
13.0
5.0
VCC
GND
2.8
13.0


Similar Part No. - TA8200AH_02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8200AH TOSHIBA-TA8200AH Datasheet
384Kb / 10P
   DUAL AUDIO POWER AMPLIFIER
More results

Similar Description - TA8200AH_02

ManufacturerPart #DatasheetDescription
logo
Wuxi Youda electronics ...
YD6282 YOUDA-YD6282 Datasheet
155Kb / 4P
   DUAL AUDIO POWER AMPLIFIER
YD8207 YOUDA-YD8207 Datasheet
154Kb / 4P
   DUAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
LM1877 TI1-LM1877_16 Datasheet
1Mb / 15P
[Old version datasheet]   Dual Audio Power Amplifier
logo
Toshiba Semiconductor
TA8258H TOSHIBA-TA8258H Datasheet
371Kb / 12P
   Dual Audio Power Amplifier
2002-02-13
TA8265K TOSHIBA-TA8265K Datasheet
353Kb / 9P
   DUAL AUDIO POWER AMPLIFIER
logo
NEC
UPC1316 NEC-UPC1316 Datasheet
1Mb / 8P
   DUAL AUDIO POWER AMPLIFIER
logo
Toshiba Semiconductor
TB2922HQ TOSHIBA-TB2922HQ Datasheet
337Kb / 15P
   Dual Audio Power Amplifier
TA8258HQ TOSHIBA-TA8258HQ_06 Datasheet
345Kb / 13P
   Dual Audio Power Amplifier
logo
Texas Instruments
LM1896 TI1-LM1896 Datasheet
516Kb / 12P
[Old version datasheet]   Dual Audio Power Amplifier
logo
Toshiba Semiconductor
TA7230P TOSHIBA-TA7230P Datasheet
454Kb / 4P
   DUAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com