Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PV15-24S Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # PV15-24S
Description  Compact 15 Watt Enclosed Switching Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PV15-24S Datasheet(HTML) 2 Page - Astrodyne Corporation

  PV15-24S Datasheet HTML 1Page - Astrodyne Corporation PV15-24S Datasheet HTML 2Page - Astrodyne Corporation PV15-24S Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Compact 15 Watt Enclosed Switching Power Supplies
P V 1 5 series
ASTRODYNE USA: 1-800-823-8082
WWW.ASTRODYNE.COM
ASTRODYNE EUROPE: 353 51 561060
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range AC/DC
90-264 VAC / 125-370 VDC
Frequency Range
47-63 Hz
Inrush Current, typ:
20A @ 120VAC Input *
40A @ 220VAC Input *
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Load Regulation (20% to 100%) ± 0.5%, typ.; 1% max.
Line Regulation
± 0.5%, typ.; 1% max.
Preset Accuracy
1%, typ
DC Voltage Adjust (typ)
± 10%
Temperature Coefficient
± 0.03%/°C (0-50°C, typ.)
Ripple/Noise
See Selection Chart
Over Voltage Protection
Clamp *
Short Circuit Protection
Latching, recoverable after cooling
and re-power
Hold Up Time
16mS, typ (Nom I/P, FL)
GENERAL SPECIFICATIONS
Isolation
I/P-O/P: 3000VAC
I/P-Ground: 1500VAC
O/P-Ground 500VAC
Efficiency
See Selection Chart
Switching Frequency
65Khz, (fixed, typical)
Safety Approvals
UL60950-1, EN60950-1
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-20 to +70°C (See Derate)
Storage Temperature
-20 to +85°C *
Relative Humidity
0% to +95%, non-cond *
EMC
EN55022 Class B
EN61000-3-2,3
EN61000-4-2,3,4,5,6,8,11
ENV50204
PHYSICAL SPECIFICATIONS
Size
2.59” x 1.98” x 1.1”
(66mm x 50.4mm x 28mm)
Construction
Enclosed
Weight
0.275 lb, (125g)
DERATE CURVE
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.
-2


Similar Part No. - PV15-24S

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PV15-24S ASTRODYNE-PV15-24S Datasheet
371Kb / 3P
   Compact 15 Watt Enclosed Switching Power Supplies
More results

Similar Description - PV15-24S

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PV15 ASTRODYNE-PV15_16 Datasheet
371Kb / 3P
   Compact 15 Watt Enclosed Switching Power Supplies
MK320S ASTRODYNE-MK320S Datasheet
615Kb / 3P
   Compact 300 Watt Enclosed Switching Power Supplies
MK40S ASTRODYNE-MK40S Datasheet
675Kb / 3P
   Compact 40 Watt Enclosed Switching Power Supplies
MK150S ASTRODYNE-MK150S Datasheet
560Kb / 3P
   Compact 150 Watt Enclosed Switching Power Supplies
MK75S ASTRODYNE-MK75S Datasheet
728Kb / 3P
   Compact 75 Watt Enclosed Switching Power Supplies
MK150 ASTRODYNE-MK150 Datasheet
258Kb / 4P
   Compact 150 Watt Enclosed Switching Power Supplies
US150 ASTRODYNE-US150_16 Datasheet
162Kb / 3P
   Enclosed 150 Watt Switching Power Supplies
US150 ASTRODYNE-US150 Datasheet
592Kb / 3P
   Enclosed 150 Watt Switching Power Supplies
MMK320S ASTRODYNE-MMK320S Datasheet
635Kb / 3P
   Medical Grade 300 Watt Enclosed Switching Power Supplies
MMK40S ASTRODYNE-MMK40S Datasheet
695Kb / 3P
   Medical Grade 40 Watt Enclosed Switching Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com